Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2585 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2585
Description  LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2585 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2585 Datasheet HTML 7Page - Texas Instruments LM2585 Datasheet HTML 8Page - Texas Instruments LM2585 Datasheet HTML 9Page - Texas Instruments LM2585 Datasheet HTML 10Page - Texas Instruments LM2585 Datasheet HTML 11Page - Texas Instruments LM2585 Datasheet HTML 12Page - Texas Instruments LM2585 Datasheet HTML 13Page - Texas Instruments LM2585 Datasheet HTML 14Page - Texas Instruments LM2585 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LM2585
www.ti.com
SNVS120F – APRIL 2000 – REVISED APRIL 2013
FLYBACK REGULATOR OPERATION
The LM2585 is ideally suited for use in the flyback regulator topology. The flyback regulator can produce a single
output voltage, such as the one shown in Figure 21, or multiple output voltages. In Figure 21, the flyback
regulator generates an output voltage that is inside the range of the input voltage. This feature is unique to
flyback regulators and cannot be duplicated with buck or boost regulators.
The operation of a flyback regulator is as follows (refer to Figure 21): when the switch is on, current flows
through the primary winding of the transformer, T1, storing energy in the magnetic field of the transformer. Note
that the primary and secondary windings are out of phase, so no current flows through the secondary when
current flows through the primary. When the switch turns off, the magnetic field collapses, reversing the voltage
polarity of the primary and secondary windings. Now rectifier D1 is forward biased and current flows through it,
releasing the energy stored in the transformer. This produces voltage at the output.
The output voltage is controlled by modulating the peak switch current. This is done by feeding back a portion of
the output voltage to the error amp, which amplifies the difference between the feedback voltage and a 1.230V
reference. The error amp output voltage is compared to a ramp voltage proportional to the switch current (i.e.,
inductor current during the switch on time). The comparator terminates the switch on time when the two voltages
are equal, thereby controlling the peak switch current to maintain a constant output voltage.
Figure 21. 12V Flyback Regulator Design Example
As shown in Figure 21, the LM2585 can be used as a flyback regulator by using a minimum number of external
components. The switching waveforms of this regulator are shown in Figure 22. Typical Performance
Characteristics
observed
during
the
operation
of
this
circuit
are
shown
in
Figure
23.
A: Switch Voltage, 20 V/div
B: Switch Current, 2 A/div
C: Output Rectifier Current, 2 A/div
D: Output Ripple Voltage, 50 mV/div
AC-Coupled
Horizontal: 2
μs/div
Figure 22. Switching Waveforms
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com