Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2662M/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2662M/NOPB
Description  LM266x Switched Capacitor Voltage Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2662M/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2662M/NOPB Datasheet HTML 9Page - Texas Instruments LM2662M/NOPB Datasheet HTML 10Page - Texas Instruments LM2662M/NOPB Datasheet HTML 11Page - Texas Instruments LM2662M/NOPB Datasheet HTML 12Page - Texas Instruments LM2662M/NOPB Datasheet HTML 13Page - Texas Instruments LM2662M/NOPB Datasheet HTML 14Page - Texas Instruments LM2662M/NOPB Datasheet HTML 15Page - Texas Instruments LM2662M/NOPB Datasheet HTML 16Page - Texas Instruments LM2662M/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LM2662, LM2663
www.ti.com
SNVS002E – JANUARY 1999 – REVISED OCTOBER 2014
Typical Applications (continued)
The peak-to-peak output voltage ripple is determined by the oscillator frequency, and the capacitance and ESR
of the output capacitor C2:
(2)
Again, using a low ESR capacitor will result in lower ripple.
9.2.1.2.1
Paralleling Devices
Any number of LM2662 devicess (or LM2663 devices) can be paralleled to reduce the output resistance. Each
device must have its own pumping capacitor C1, while only one output capacitor Cout is needed as shown in
Figure 18. The composite output resistance is:
(3)
Figure 18. Lowering Output Resistance by Paralleling Devices
9.2.1.2.2
Cascading Devices
Cascading the LM2662 devices (or LM2663 devices) is an easy way to produce a greater negative voltage (as
shown in Figure 19). If n is the integer representing the number of devices cascaded, the unloaded output
voltage Vout is (−nVin). The effective output resistance is equal to the weighted sum of each individual device:
(4)
A three-stage cascade circuit shown in Figure 20 generates
−3 Vin, from Vin.
Cascading is also possible when devices are operating in doubling mode. In Figure 21, two devices are
cascaded to generate 3 Vin.
An example of using the circuit in Figure 20 or Figure 21 is generating +15 V or
−15 V from a +5-V input.
Note that, the number of n is practically limited since the increasing of n significantly reduces the efficiency and
increases the output resistance and output voltage ripple.
Figure 19. Increasing Output Voltage by Cascading Devices
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2662 LM2663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com