Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TH01
Description  Temperature and Humidity Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TH01 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TH01
Temperature and Humidity Module
2012-7-2
Version: 1.4
1 Tel: +86‐755‐86096587
Fax: +86‐755‐86096602
E‐mail: sales@hoperf.com
http://www.hoperf.com
.Four Pins interface port
.Wide range Temperature and Relative humidity.
.Ultra low power consumption
. Low cost .
. Small size.
Description
The TH01 module is base on one 8-bit MCU, NTC temperature and humidity sensor to measure the
environment atmosphere temperature and humidity. With two lines interface can be directly red. out the
temperature and humidity value, the application is simple for user to access the real temperature and
humidity reading.
TH01 module is in stop mode after measure the atmosphere and humidity.
Features
Humidity Range: 20% - 99%
.Temperature Measure Range:-50℃- 70℃.
.Module Operations Temperature Range: -40℃- 85℃
. Similar I
2C Serial Interface
. Voltage Provide Range: 2.6V~5.0V
Applications
.Consumer Products
.Weather Stations
. Humidifiers
. Temperature controller
. Store
Block Diagram
App1 Temperature -20℃~70℃
、
App2 Temperature -50℃~70℃


Similar Part No. - TH01

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
TH01 TM-TH01 Datasheet
63Kb / 2P
T TYPE THERMOCOUPLE THERMOMETER WITH HOLD FUNCTION
V2
TH01 TM-TH01 Datasheet
97Kb / 4P
Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
TH01 TM-TH01 Datasheet
107Kb / 4P
TYPE T LEGIONELLA TEMPERATURE KIT WITH THERMOMETER, STANDARD PROBES AND ACCESSORIES
TH01 TM-TH01 Datasheet
102Kb / 3P
Legionella Temperature Monitoring Kit – Includes MM2008 Digital Thermometer and Budget K Type Dual Surface/Immersion Probe
More results

Similar Description - TH01

ManufacturerPart #DatasheetDescription
logo
Humirel
HTF3223 HUMIREL-HTF3223 Datasheet
142Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTF3000LF HUMIREL-HTF3000LF Datasheet
347Kb / 5P
TEMPERATURE AND HUMIDITY MODULE
HTF3130 HUMIREL-HTF3130 Datasheet
1Mb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTF3226LF HUMIREL-HTF3226LF Datasheet
1Mb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTG3400 HUMIREL-HTG3400 Datasheet
772Kb / 10P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTF3000 HUMIREL-HTF3000 Datasheet
570Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
logo
Zhengzhou Winsen Electr...
ZS05 WINSEN-ZS05 Datasheet
475Kb / 8P
Temperature and Humidity Module
logo
Innovative Sensor Techn...
HYT939 IST-HYT939 Datasheet
570Kb / 3P
Digital Humidity and Temperature Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com