Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH02 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # TH02
Description  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button TH02 Datasheet HTML 12Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 13Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 14Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 15Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 16Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 17Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 18Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 19Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
16 -
3.1.2. Performing a Temperature Measurement
The following steps should be performed in sequence to take a temperature measurement:
6. Set START (D0) and TEMP (D4) in CONFIG (register 0x03) to begin a new conversion, i.e., write CONFIG with
0x11
7. Poll RDY (D0) in STATUS (register 0) until it is low (=0)
8. Read the upper and lower bytes of the temperature value from DATAh and DATAl (registers 0x01 and 0x02),
respectively
Table 12 shows the format of the 14-bit temperature result. This value may be converted to °C using the following
equation:
where TEMP is the measured value returned in DATAh:DATAI.
Table 13shows the 14-bit values that correspond to various measured temperature levels.
Table 12. 14-Bit Temperature Result Available in Registers 1 and 2
DATAh
DATAI
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
14-Bit Temperature Code
0
0
The above sequence assumes normal mode, i.e., tCONV = 35 ms (typical). Conversions may be performed in fast
mode. See section “5.1.3. Fast Conversion Mode”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com