Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2830XMF Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM2830XMF
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2830XMF Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM2830XMF Datasheet HTML 18Page - Texas Instruments LM2830XMF Datasheet HTML 19Page - Texas Instruments LM2830XMF Datasheet HTML 20Page - Texas Instruments LM2830XMF Datasheet HTML 21Page - Texas Instruments LM2830XMF Datasheet HTML 22Page - Texas Instruments LM2830XMF Datasheet HTML 23Page - Texas Instruments LM2830XMF Datasheet HTML 24Page - Texas Instruments LM2830XMF Datasheet HTML 25Page - Texas Instruments LM2830XMF Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
LP3470M5X-3.08
U2
VINA
VIND
LM2830
U3
U1
LM2830
SW
D1
FB
EN
L1
GND
C1
C2
R1
R2
C3
VINA
VIND
SW
FB
EN
GND
D2
L2
C4
R4
R5
R6
3
1
2
VIN
RESET
4
5
LP3470
C7
VIN
VO = 3.3V @ 1.0A
VO = 1.2V @ 1.0A
R3
LM2830, LM2830-Q1
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
www.ti.com
8.2.6 LM2830X Dual Converters With Delayed Enabled Design
Figure 27 shows proposed solution with two LM2830 devices. Output of device on top (3.3-V output) is used to
control the enable pin of the lower device, thus ensuring that the second device (1.2-V output) can not turn on
before the output of first device (3.3-V in this example) reaches steady state. Additionally, small POR supervisory
(LP3470) circuit is used to monitor enable voltage for lower device. The RESET pin on POR circuit is open drain
and requires typically 20-k
Ω pullup resistor to the monitored voltage.
Figure 27. LM2830X (1.6 MHz): Vin = 5 V, Vo = 1.2 V at 1.0 A and 3.3 V at 1.0-A Schematic
Table 7. Bill of Materials
PART ID
PART VALUE
MANUFACTURER
PART NUMBER
U1, U2
1.0-A Buck Regulator
TI
LM2830X
U3
Power on Reset
TI
LP3470M5X-3.08
C1, C3 Input Cap
22 µF, 6.3 V, X5R
TDK
C3216X5ROJ226M
C2, C4 Output Cap
22 µF, 6.3 V, X5R
TDK
C3216X5ROJ226M
C7
Trr delay capacitor
TDK
D1, D2 Catch Diode
0.3 Vf Schottky 1.5 A, 30 VR
TOSHIBA
CRS08
L1, L2
3.3 µH, 1.3 A
Coilcraft
ME3220-332
R2, R4, R5
10.0 k
Ω, 1%
Vishay
CRCW08051002F
R1, R6
45.3 k
Ω, 1%
Vishay
CRCW08054532F
R3
100 k
Ω, 1%
Vishay
CRCW08051003F
22
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com