Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3102 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3102
Description  LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3102 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3102 Datasheet HTML 17Page - Texas Instruments LM3102 Datasheet HTML 18Page - Texas Instruments LM3102 Datasheet HTML 19Page - Texas Instruments LM3102 Datasheet HTML 20Page - Texas Instruments LM3102 Datasheet HTML 21Page - Texas Instruments LM3102 Datasheet HTML 22Page - Texas Instruments LM3102 Datasheet HTML 23Page - Texas Instruments LM3102 Datasheet HTML 24Page - Texas Instruments LM3102 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
+
-
L
COUT
CIN
LOAD
VSUPPLY
LM3102, LM3102-Q1
www.ti.com
SNVS515H – SEPTEMBER 2007 – REVISED JUNE 2015
9 Power Supply Recommendations
The LM3102/-Q1 device is designed to operate from an input voltage supply range between 4.5 V and 42 V. This
input supply should be well regulated and able to withstand maximum input current and maintain a stable
voltage. The resistance of the input supply rail should be low enough that an input current transient does not
cause a high enough drop at the LM3102/-Q1 supply voltage that can cause a false UVLO fault triggering and
system reset. If the input supply is more than a few inches from the LM3102/-Q1, additional bulk capacitance
may be required in addition to the ceramic bypass capacitors. The amount of bulk capacitance is not critical, but
a 47-
μF or 100-μF electrolytic capacitor is a typical choice.
10 Layout
10.1 Layout Guidelines
The LM3102/-Q1 regulation, overvoltage, and current limit comparators are very fast so they will respond to short
duration noise pulses. Layout is therefore critical for optimum performance. It must be as neat and compact as
possible, and all external components must be as close to their associated pins of the LM3102/-Q1 as possible.
Refer to Layout Example, the loop formed by CIN, the main and synchronous MOSFET internal to the LM3102/-
Q1, and the PGND pin should be as small as possible. The connection from the PGND pin to CIN should be as
short and direct as possible. Vias should be added to connect the ground of CIN to a ground plane, located as
close to the capacitor as possible. The bootstrap capacitor CBST should be connected as close to the SW and
BST pins as possible, and the connecting traces should be thick. The feedback resistors and capacitor RFB1,
RFB2, and CFB should be close to the FB pin.
A long trace running from VOUT to RFB1 is generally acceptable because this is a low-impedance node. Ground
RFB2 directly to the AGND pin (pin 7). The output capacitor COUT should be connected close to the load and tied
directly to the ground plane. The inductor L should be connected close to the SW pin with as short a trace as
possible to reduce the potential for EMI (electromagnetic interference) generation.
If it is expected that the internal dissipation of the LM3102/-Q1 will produce excessive junction temperature
during normal operation, making good use of the PCB ground plane can help considerably to dissipate heat. The
exposed pad on the bottom of the LM3102/-Q1 IC package can be soldered to the ground plane, which should
extend out from beneath the LM3102/-Q1 to help dissipate heat.
The exposed pad is internally connected to the LM3102/-Q1 IC substrate. Additionally the use of thick traces,
where possible, can help conduct heat away from the LM3102/-Q1. Using numerous vias to connect the die
attached pad to the ground plane is a good practice. Judicious positioning of the PCB within the end product,
along with the use of any available air flow (forced or natural convection) can help reduce the junction
temperature.
10.2 Layout Example
Figure 31. Minimize Area of Current Loops in Buck Regulators
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3102 LM3102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com