Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3679 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3679
Description  3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3679 Datasheet(HTML) 2 Page - Texas Instruments

  LM3679 Datasheet HTML 1Page - Texas Instruments LM3679 Datasheet HTML 2Page - Texas Instruments LM3679 Datasheet HTML 3Page - Texas Instruments LM3679 Datasheet HTML 4Page - Texas Instruments LM3679 Datasheet HTML 5Page - Texas Instruments LM3679 Datasheet HTML 6Page - Texas Instruments LM3679 Datasheet HTML 7Page - Texas Instruments LM3679 Datasheet HTML 8Page - Texas Instruments LM3679 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Top View
Bottom View
A1
A3
Vin
EN
FB
SW
GND
Vin
EN
GND
SW
FB
C1
C3
B2
A3
A1
C3
C1
B2
LM3679
SNVS510A – SEPTEMBER 2007 – REVISED FEBRUARY 2008
www.ti.com
DESCRIPTION CONTINUED
The device offers superior features and performance for mobile phones and similar portable applications with
complex power management systems. Automatic intelligent switching between PWM low-noise and PFM low-
current mode offers improved system control. During PWM mode operation, the device operates at a fixed-
frequency of 3 MHz (typ). PWM mode drives loads from ~ 80mA to 350mA max. Hysteretic PFM mode extends
the battery life by reducing the quiescent current to 16 µA (typ) during light load and standby operation. Internal
synchronous rectification provides high efficiency. In shutdown mode (Enable pin pulled low), the device turns off
and reduces battery consumption to 0.01 µA (typ).
The LM3679 is available in a lead-free (No PB) 5-bump DSBGA YZR package, 0.6mm height, and in an ultra thin
0.3mm height YPD package. Using the YPD package along with specific external components, allows for a low
profile solution size with a max height of 0.55mm. A switching frequency of 3 MHz (typ) allows use of tiny
surface-mount components. Only three external surface-mount components, an inductor and two ceramic
capacitors, are required. .
CONNECTION DIAGRAM AND PACKAGE MARK INFORMATION
Figure 3. 5 Bump DSBGA YZR and YPD Package (YPD package to be released soon)
PIN DESCRIPTIONS
Pin #
Name
Description
A1
VIN
Power supply input. Connect to the input filter capacitor (Figure 1).
A3
GND
Ground pin.
C1
EN
Enable pin. The device is in shutdown mode when voltage to this pin is <0.4V and enabled
when >1.0V. Do not leave this pin floating.
C3
FB
Feedback analog input. Connect directly to the output filter capacitor (Figure 1).
B2
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM3679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com