Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF49FD Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF49FD
Description  MINIATURE POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF49FD Datasheet(HTML) 3 Page - Hongfa Technology

  HF49FD Datasheet HTML 1Page - Hongfa Technology HF49FD Datasheet HTML 2Page - Hongfa Technology HF49FD Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fcm]f[cg_l
Ub_ mj_]c`c][ncih cm `il l_`_l_h]_ ihfs4 T__ ni ,U_lgchifias [h^ Ioc^_fch_m, `il gil_ ch`ilg[ncih4 Tj_]c`c][ncihm mo\d_]n ni ]b[ha_ qcnbion hinc]_4
X_ ]iof^ hin _p[fo[n_ [ff nb_ j_l`ilg[h]_ [h^ [ff nb_ j[l[g_n_lm `il _p_ls jimmc\f_ [jjfc][ncih4 Ubom nb_ om_l mbiof^ \_ ch [ lcabn jimcncih ni
]biim_ nb_ mocn[\f_ jli^o]n `il nb_cl iqh [jjfc][ncih4 K` nb_l_ cm [hs ko_ls2 jf_[m_ ]ihn[]n Jiha`[ `il nb_ n_]bhc][f m_lpc]_4 Jiq_p_l2 cn cm nb_ om_lzm
l_mjihmc\cfcns ni ^_n_lgch_ qbc]b jli^o]n mbiof^ \_ om_^ ihfs4
u Yc[g_h Jiha`[ Gf_]nli[]iomnc] Ei42 Mn^4 Cff lcabnm i` Jiha`[ [l_ l_m_lp_^4
16/=/1?3=7>?71 1@=A3>
NCYKNVN TXKUEJKOI QPXGS
Eihn[]n Wifn[a_ /W0
GOFVSCOEG EVSWG
EPKM UGNQGSCUVSG SKTG
Eihn[]n Eoll_hn /C0
Q_l]_hn[a_ P` Oigch[f Eicf Wifn[a_
CE
FE
67
8
9
:;
;66
766
;6
76
FE
76
6
96
766
866 966 :66 ;66
CE
9
8
7
648
;
76
?IRS GONHKSKONR.
7J7 nsj_@ CaOc2 S_mcmncp_ fi[^2 8;6WCE596WFE2
Siig n_gj42 7m ih ?m i``4
;C
>6
=6
<6
;6
:6
6
766
776
786
796
7:6
7;6
?IRS GONHKSKONR.
;C >;[
/Usjc][f ]olp_ i` 8:WFE mn[h^[l^ nsj_0
<?



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com