Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE5SC1000 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE5SC1000
Description  3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5SC1000 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE5SC1000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5SC1000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE5SC1000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE5SC1000 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/16/2014
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to
26.5 GHz PE5SC1000
URL: http://www.pasternack.com/50ohm-3.5mm-female-calibration-kit-component-short-circuit-26.5-ghz-pe5sc1000-p.aspx
PE5SC1000
PE5SC1000 REV 1.0
3.5mm Female General Purpose Calibration Kit Component
Short Circuit Operating From DC to 26.5 GHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com