Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

280-050P Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 280-050P
Description  HiPer-D Combo Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

280-050P Datasheet(HTML) 2 Page - Glenair, Inc.

  280-050P Datasheet HTML 1Page - Glenair, Inc. 280-050P Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C-15
© 2013 Glenair, Inc • 1211 Air Way, Glendale, CA 91201 • 818-247-6000 • www.glenair.com • U.S. CAGE code 06324
series 28
HiPer-D Combo Connectors
C
A
C
D
E
B
8-32 UNC-2B .150
(3.81) DEEP 2 PLCS
4-40 UNC-2B .150
(3.81) DEEP 2 PLCS
4-40 UNC-2B .150
(3.81) DEEP 2 PLCS
.262 ± .005
(6.65 ± 0.13)
TAIL LENGTH ± .015
(0.38)
.094
(2.39)
.390 ± .005
(9.91 ± 0.13)
C
F G
R .134
(3.40)
H
.746 (18.95)
REF
.250
(6.35)
.025 (0.64)
STANDOFF
J (2 PLCS)
PC TAIL DIAMETER
.125± .002 (3.18 ± 0.05) SIZE 8
.030 ± .002 (0.76 ± 0.05) SIZE 20
Dimensions
Shell
Size
A
B
C Basic
D
E
F
G
H Basic
J
in
± .015
mm
± 0.38
in
± .015
mm
± 0.38
in.
mm
in
± .005
mm
± 0.13
in
± .005
mm
± 0.13
in
± .005
mm
± 0.13
in
± .015
mm
± 0.38
in
mm
in
mm
1
1.865 47.37
.725 18.42
.984 24.99
.666 16.92
.726 18.44
.329
8.36
.389
9.88 1.424 36.17
.520 13.21
2
2.200 55.88
.725 18.42 1.312 33.32
.994 25.25 1.054 26.77
.329
8.36
.389
9.88 1.752 44.50
.844 21.44
3
2.736 69.49
.725 18.42 1.852 47.04 1.534 38.96 1.594 40.49
.329
8.36
.389
9.88 2.292 58.22 1.386 35.20
4
3.385 85.98
.725 18.42 2.500 63.50 2.182 55.42 2.242 56.95
.329
8.36
.389
9.88 2.940 74.68 2.034 51.66
5
3.289 83.54
.837 21.26 2.406 61.11 2.079 52.81 2.139 54.33
.441 11.20
.501 12.73 2.846 72.29 1.987 50.47
280-050P DIMENSIONS
280-050P straight PC tail combo pin connectors with O-ring flange for
rear panel mounting
NOTES
1.
Contacts are factory-installed, non-removable and are potted with epoxy.
2.
HiPer-D connectors are available with a wide variety of materials and finishes. See About Series 28 HiPer-D Shell Plating Options for
additional choices . Glenair offers the industry’s widest selection of plating and material choices with no setup charge, no minimum
order quantity and no schedule impact.
3.
For panel cutout dimensions, refer to Panel Cutouts and Printed Circuit Board Footprints.
4.
For printed circuit board mounting dimensions, refer to Panel Cutouts and Printed Circuit Board Footprints.
5.
Combo HiPer-D connectors meet the applicable requirements of MIL-DTL-24308 and are intermateable with standard M24308-type
D-Subminiature combo connectors with corresponding contact arrangements and type.
6.
Additional electrical, mechanical and environmental specifications are listed in HiPer-D Product Specification.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com