Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM20123MHX/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM20123MHX/NOPB
Description  LM20123/LM20123Q 3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20123MHX/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM20123MHX/NOPB Datasheet HTML 2Page - Texas Instruments LM20123MHX/NOPB Datasheet HTML 3Page - Texas Instruments LM20123MHX/NOPB Datasheet HTML 4Page - Texas Instruments LM20123MHX/NOPB Datasheet HTML 5Page - Texas Instruments LM20123MHX/NOPB Datasheet HTML 6Page - Texas Instruments LM20123MHX/NOPB Datasheet HTML 7Page - Texas Instruments LM20123MHX/NOPB Datasheet HTML 8Page - Texas Instruments LM20123MHX/NOPB Datasheet HTML 9Page - Texas Instruments LM20123MHX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM20123
SNVS524E – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: CIN = COUT = 100 µF, L = 1.0 µH (Coilcraft MSS1038), VIN = 5V, VOUT = 1.2V, RLOAD = 1.2Ω, TA =
25°C for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Feedback Pin Voltage
Load Regulation
vs. Temperature
Figure 7.
Figure 8.
Switching Frequency
Quiescent Current vs.
vs. Temperature
VIN (Not Switching)
Figure 9.
Figure 10.
Shutdown Current
Enable Threshold
vs. Temperature
vs. Temperature
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com