Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27342MY/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM27342MY/NOPB
Description  LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27342MY/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM27342MY/NOPB Datasheet HTML 17Page - Texas Instruments LM27342MY/NOPB Datasheet HTML 18Page - Texas Instruments LM27342MY/NOPB Datasheet HTML 19Page - Texas Instruments LM27342MY/NOPB Datasheet HTML 20Page - Texas Instruments LM27342MY/NOPB Datasheet HTML 21Page - Texas Instruments LM27342MY/NOPB Datasheet HTML 22Page - Texas Instruments LM27342MY/NOPB Datasheet HTML 23Page - Texas Instruments LM27342MY/NOPB Datasheet HTML 24Page - Texas Instruments LM27342MY/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
RTJA =
TJ - TA
Power
RT =
'
T
Power
LM27341, LM27342, LM27341-Q1, LM27342-Q1
www.ti.com
SNVS497E – NOVEMBER 2008 – REVISED APRIL 2013
Figure 37. Cross-Sectional View of Integrated Circuit Mounted on a Printed Circuit Board.
Heat in the LM27341/LM27342 due to internal power dissipation is removed through conduction and/or
convection.
Conduction: Heat transfer occurs through cross sectional areas of material. Depending on the material, the
transfer of heat can be considered to have poor to good thermal conductivity properties (insulator vs conductor).
Heat Transfer goes as:
Silicon
→Lead Frame→PCB
Convection: Heat transfer is by means of airflow. This could be from a fan or natural convection. Natural
convection occurs when air currents rise from the hot device to cooler air.
Thermal impedance is defined as:
(48)
Thermal impedance from the silicon junction to the ambient air is defined as:
(49)
This impedance can vary depending on the thermal properties of the PCB. This includes PCB size, weight of
copper used to route traces , the ground plane, and the number of layers within the PCB. The type and number
of thermal vias can also make a large difference in the thermal impedance. Thermal vias are necessary in most
applications. They conduct heat from the surface of the PCB to the ground plane. Six to nine thermal vias should
be placed under the exposed pad to the ground plane. Placing more than nine thermal vias results in only a
small reduction to RθJA for the same copper area. These vias should have 8 mil holes to avoid wicking solder
away from the DAP. See SNOA401 and SNVA183 for more information on package thermal performance. If a
compromise for cost needs to be made, the thermal vias for the MSOP-PowerPad package can range from 8-14
mils, this will increase the possibility of solder wicking.
To predict the silicon junction temperature for a given application, three methods can be used. The first is useful
before prototyping and the other two can more accurately predict the junction temperature within the application.
Method 1:
The first method predicts the junction temperature by extrapolating a best guess RθJA from the table or graph.
The tables and graph are for natural convection. The internal dissipation can be calculated using the efficiency
calculations. This allows the user to make a rough prediction of the junction temperature in their application.
Methods two and three can later be used to determine the junction temperature more accurately.
The two tables below have values of RθJA for the SON and the MSOP-PowerPad packages.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM27341 LM27342 LM27341-Q1 LM27342-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com