Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE82P5000 Datasheet(PDF) 11 Page - Pasternack Enterprises, Inc.

Part # PE82P5000
Description  8 Bit Programmable Phase Shifter, 500 MHz to 2 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE82P5000 Datasheet(HTML) 11 Page - Pasternack Enterprises, Inc.

Back Button PE82P5000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 9Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 10Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 11Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 12Page - Pasternack Enterprises, Inc. PE82P5000 Datasheet HTML 13Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
TECHNICAL DATA SHEET
PE82P5000
PE82P5000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 8 Bit Programmable Phase Shifter, 500 MHz to 2 GHz, 360 Deg Phase Shift, 256 Steps and
SMA PE82P5000
8 Bit Programmable Phase Shifter, 500 MHz to 2 GHz,
360 Deg Phase Shift, 256 Steps and SMA
Switching Speed
Channel 1 (Yellow Trace): RF output signal
Channel 2 (Green Trace): TTL trigger signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com