Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42644 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE42644
Description  Very Low Dropout Voltage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42644 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE42644 Datasheet HTML 1Page - Infineon Technologies AG TLE42644 Datasheet HTML 2Page - Infineon Technologies AG TLE42644 Datasheet HTML 3Page - Infineon Technologies AG TLE42644 Datasheet HTML 4Page - Infineon Technologies AG TLE42644 Datasheet HTML 5Page - Infineon Technologies AG TLE42644 Datasheet HTML 6Page - Infineon Technologies AG TLE42644 Datasheet HTML 7Page - Infineon Technologies AG TLE42644 Datasheet HTML 8Page - Infineon Technologies AG TLE42644 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TLE42644
General Product Characteristics
Data Sheet
5
Rev. 1.1, 2014-07-03
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are not
designed for continuous repetitive operation.
4.2
Functional Range
Table 1
Absolute Maximum Ratings1)
T
j = -40 °C to 150 °C; all voltages with respect to ground, (unless otherwise specified)
1) not subject to production test, specified by design
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Input I
Voltage
V
I
-30
–
45
V
–
P_4.1.1
Output Q
Voltage
V
Q
-0.3
–
32
V
–
P_4.1.2
Temperature
Junction temperature
T
j
-40
–
150
°C
–
P_4.1.3
Storage temperature
T
stg
-50
–
150
°C
–
P_4.1.4
ESD Susceptibility
ESD Absorption
V
ESD,HBM
-3
–
3
kV
Human Body
Model (HBM)2)
2) ESD susceptibility Human Body Model “HBM” according to AEC-Q100-002 - JESD22-A114
P_4.1.5
ESD Absorption
V
ESD,CDM
-1500
–
1500
V
Charge Device
Model (CDM)3) at
all pins
3) ESD susceptibility Charged Device Model “CDM” according to ESDA STM5.3.1
P_4.1.6
Table 2
Functional Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Input voltage
V
I
5.5
–
40
V
–
P_4.2.1
Output Capacitor’s
Requirements for Stability
C
Q
10
–
–
µF
–
P_4.2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com