Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5N50G-TM3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 5N50G-TM3-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N50G-TM3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  5N50G-TM3-R Datasheet HTML 1Page - Unisonic Technologies 5N50G-TM3-R Datasheet HTML 2Page - Unisonic Technologies 5N50G-TM3-R Datasheet HTML 3Page - Unisonic Technologies 5N50G-TM3-R Datasheet HTML 4Page - Unisonic Technologies 5N50G-TM3-R Datasheet HTML 5Page - Unisonic Technologies 5N50G-TM3-R Datasheet HTML 6Page - Unisonic Technologies 5N50G-TM3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5N50-P
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R205-027.A
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
500
V
Breakdown Voltage Temperature Coefficient △BVDSS
/TJ Reference to 25°C, ID=250µA
0.5
V/°C
Drain-Source Leakage Current
IDSS
VDS=500V, VGS=0V
1
µA
VDS=400V, TC=125°C
10
Gate- Source Leakage Current
Forward
IGSS
VGS=30V, VDS=0V
100
nA
Reverse
VGS=-30V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=2.5A
1.2
1.6
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V,
f=1.0MHz
580
pF
Output Capacitance
COSS
66
pF
Reverse Transfer Capacitance
CRSS
10
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=0.5A,
RG=25Ω (Note 1, 2)
30
ns
Rise Time
tR
80
ns
Turn-OFF Delay Time
tD(OFF)
110
ns
Fall-Time
tF
90
ns
Total Gate Charge
QG
VGS=10V, VDS=50V,
ID=1.3A, ID=100μA (Note 1, 2)
18
24
nC
Gate to Source Charge
QGS
2.2
nC
Gate to Drain Charge
QGD
9.7
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Continuous Drain-Source Diode
Forward Current
IS
5
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
20
A
Drain-Source Diode Forward Voltage
VSD
IS=5A, VGS=0V
1.4
V
Reverse Recovery Time
trr
IS=5A, VGS=0V,
dIF/dt=100A/µs (Note 1)
263
ns
Reverse Recovery Charge
QRR
1.9
µC
Notes: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com