Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT25H16 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # FT25H16
Description  Quad Output Fast Read
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT25H16 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button FT25H16 Datasheet HTML 17Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 18Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 19Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 20Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 21Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 22Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 23Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 24Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Fremont Micro Devices
Preliminary FT25H16
© 2014 Fremont Micro Devices Inc.
Confidential Rev1.1
DS25H16-page21
7.9. Dual I/O Fast Read (BBH)
The Dual I/O Fast Read command is similar to the Dual Output Fast Read command but with the
capability to input the 3-byte address (A23-0) and a “Continuous Read Mode” byte 2-bit per clock by SI and
SO, each bit being latched in during the rising edge of SCLK, then the memory contents are shifted out 2-bit
per clock cycle from SI and SO. The command sequence is shown in followed Figure10. The first byte
addressed can be at any location. The address is automatically incremented to the next higher address after
each byte of data is shifted out. To ensure optimum performance the High Speed mode (HSM) command
(A3H) must be executed once, prior to the Dual I/O Fast Read command.
Dual I/O Fast Read with “Continuous Read Mode”
The Dual I/O Fast Read command can further reduce command overhead through setting the
“Continuous Read Mode” bits (M7- 0) after the input 3-byte address (A23-A0). If the “Continuous Read Mode”
bits (M7-0) =AXH, then the next Dual I/O Fast Read command (after CS# is raised and then lowered) does
not require the BBH command code. The command sequence is shown in followed Figure11. If the
“Continuous Read Mode” bits (M7-0) are any value other than AXH, the next command requires the first BBH
command code, thus returning to normal operation. A “Continuous Read Mode” Reset command can be used
to reset (M7-0) before issuing normal command.
Figure10. Dual I/O Fast Read Sequence Diagram (M7-0= 0XH or not AXH)
CS#
SCLK
SI(IO0)
SO(IO1)
0 1 2 3 4 5 6 7
BBH
Command
CS#
SCLK
7 5 3 1 7 5 3 1 7 5 3 1 7 5 3 1
6 4 2 0 6 4 2 0 6 4 2 0 6 4 2 0
15
12 13 14
11
8 9 10
23
20 21 22
19
16 17 18
A23-16
A15-8
A7-0
M7-0
Byte1
23
31
28 29 30
27
24 25 26
7 5 3 1 7 5 3 1
39
36 37 38
35
32 33 34
7 5 3 1 7 5 3 1
6 4 2 0 6 4 2 0 6 4 2 0 6 4 2 0
SI(IO0)
SO(IO1)
Byte2
Byte3
Byte4
Byte5
47
44 45 46
43
40 41 42
7 5 3 1 7 5 3 1 7
6 4 2 0 6 4 2 0 6
Byte6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com