Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA50R650CE Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPA50R650CE
Description  500V CoolMOS™ CE Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA50R650CE Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPA50R650CE_15 Datasheet HTML 1Page - Infineon Technologies AG IPA50R650CE_15 Datasheet HTML 2Page - Infineon Technologies AG IPA50R650CE_15 Datasheet HTML 3Page - Infineon Technologies AG IPA50R650CE_15 Datasheet HTML 4Page - Infineon Technologies AG IPA50R650CE_15 Datasheet HTML 5Page - Infineon Technologies AG IPA50R650CE_15 Datasheet HTML 6Page - Infineon Technologies AG IPA50R650CE_15 Datasheet HTML 7Page - Infineon Technologies AG IPA50R650CE_15 Datasheet HTML 8Page - Infineon Technologies AG IPA50R650CE_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
500VCoolMOS™CEPowerTransistor
IPA50R650CE
Rev.2.1,2014-06-12
Final Data Sheet
2Maximumratings
atTj=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
1)
ID
-
-
-
-
-
-
6.1
4.6
2.9
A
TC = 25°C; TO-220
TC = 25°C; TO-220 FullPAK
TC = 100°C; TO-220 FullPAK
Pulsed drain current
2)
ID,pulse
-
-
19
A
TC=25°C
Avalanche energy, single pulse
EAS
-
-
102
mJ
ID =2.3A; VDD = 50V
Avalanche energy, repetitive
EAR
-
-
0.15
mJ
ID =2.3A; VDD = 50V
Avalanche current, repetitive
IAR
-
-
2.3
A
-
MOSFET dv/dt ruggedness
dv/dt
-
-
50
V/ns
VDS=0...400V
Gate source voltage
VGS
-20
-30
-
-
20
30
V
static;
AC (f>1 Hz)
Power disspiation
Ptot
-
-
27.2
W
TC=25°C
Operating and storage temperature
Tj,Tstg
-40
-
150
°C
-
Mounting torque
-
-
-
50
Ncm
M2.5 screws
Continuous diode forward current
IS
-
-
4.0
A
TC=25°C
Diode pulse current
2)
IS,pulse
-
-
19.0
A
TC = 25°C
Reverse diode dv/dt
3)
dv/dt
-
-
15
V/ns
VDS=0...400V,ISD<=IS,Tj=25°C
Maximum diode commutation speed
3)
dif/dt
-
-
500
A/
µs VDS=0...400V,ISD<=IS,Tj=25°C
Insulation withstand voltage for TO-220
FullPAK
VISO
-
-
2500
V
Vrms,TC=25°C,t=1min
3Thermalcharacteristics
Table3Thermalcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case
RthJC
-
-
4.6
°C/W -
Thermal resistance, junction - ambient
RthJA
-
-
80
°C/W leaded
Soldering temperature, wavesoldering
only allowed at leads
Tsold
-
-
260
°C
1.6mm (0.063 in.) from case for 10s
1) Limited by Tj max. Maximum duty cycle D=0.75
2) Pulse width tp limited by Tj,max
3)VDClink=400V;VDS,peak<V(BR)DSS;identicallowsideandhighsideswitchwithidenticalRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com