Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR231A Datasheet(PDF) 1 Page - Micro Electronics

Part # MR231A
Description  0.3 DUAL DIGIT NUMBERIC DISPLAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MR231A Datasheet(HTML) 1 Page - Micro Electronics

  MR231A Datasheet HTML 1Page - Micro Electronics MR231A Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - MR231A

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MR2-10-Z COPAL-MR2-10-Z Datasheet
567Kb / 3P
Miniature Rotary Switches
MR2-10G-Z COPAL-MR2-10G-Z Datasheet
567Kb / 3P
Miniature Rotary Switches
MR2-12-Z COPAL-MR2-12-Z Datasheet
574Kb / 3P
Miniature Rotary Switches
MR2-12G-Z COPAL-MR2-12G-Z Datasheet
574Kb / 3P
Miniature Rotary Switches
MR2-2-Z COPAL-MR2-2-Z Datasheet
567Kb / 3P
Miniature Rotary Switches
More results

Similar Description - MR231A

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MG136A-3 MICRO-ELECTRONICS-MG136A-3 Datasheet
56Kb / 2P
0.36 SINGLE DIGIT NUMBERIC DISPLAYS
MG2801A MICRO-ELECTRONICS-MG2801A Datasheet
61Kb / 2P
0.8 SINGLE DIGIT NUMBERIC DISPLAYS
MS213A MICRO-ELECTRONICS-MS213A Datasheet
75Kb / 2P
0.3 DUAL DIGIT NUMERIC DISPLAYS
MU13001A MICRO-ELECTRONICS-MU13001A Datasheet
65Kb / 2P
3 SINGLE DIGIT NUMBERIC DISPLAYS
MU232A MICRO-ELECTRONICS-MU232A Datasheet
70Kb / 2P
0.3 TWO DIGIT NUMBERIC DISPLAYS
MU336A MICRO-ELECTRONICS-MU336A Datasheet
71Kb / 2P
0.36 SINGLE DIGIT NUMBERIC DISPLAYS
MY256A-X MICRO-ELECTRONICS-MY256A-X Datasheet
66Kb / 2P
0.56 DUAL DIGIT NUMBERIC DISPLAYS
logo
Everlight Electronics C...
ELD-305USOWA EVERLIGHT-ELD-305USOWA Datasheet
122Kb / 6P
0.3 inch Dual Digit Displays
ELD-305SYGWA EVERLIGHT-ELD-305SYGWA Datasheet
123Kb / 6P
0.3 inch Dual Digit Displays
ELD-306SURWA-S530-A3 EVERLIGHT-ELD-306SURWA-S530-A3_09 Datasheet
129Kb / 6P
0.3" Dual Digit Displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com