Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL2575 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TL2575
Description  TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL2575_15 Datasheet HTML 12Page - Texas Instruments TL2575_15 Datasheet HTML 13Page - Texas Instruments TL2575_15 Datasheet HTML 14Page - Texas Instruments TL2575_15 Datasheet HTML 15Page - Texas Instruments TL2575_15 Datasheet HTML 16Page - Texas Instruments TL2575_15 Datasheet HTML 17Page - Texas Instruments TL2575_15 Datasheet HTML 18Page - Texas Instruments TL2575_15 Datasheet HTML 19Page - Texas Instruments TL2575_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
C
7758
OUT
³
(µF)
V
IN(Max)
V
L1(µH)
OUT
·
(
(
R2 = R1
– 1
V
OUT
V
REF
V
= V
OUT
REF
1 +
where V
= 1.23 V
REF
(
(
R2
R1
TL2575, TL2575HV
SLVS638C – JANUARY 2006 – REVISED NOVEMBER 2014
www.ti.com
Typical Application (continued)
PROCEDURE (Fixed Output)
EXAMPLE (Fixed Output)
A. In normal operation, the catch diode requires a current rating of at A. Pick a diode with 3-A rating.
least 1.2 × ILOAD(Max). For the most robust design, D1 should be
rated to handle a current equal to the TL2575 maximum switch peak
current; this represents the worst-case scenario of a continuous
short at VOUT.
B. The diode requires a reverse voltage rating of at least B. Pick 30-V rated Schottky diode (1N5821, MBR330, 31QD03, or
1.25 × VIN(Max).
SR303) or 100-V rated Fast Recovery diode (31DF1, MURD310, or
HER302).
4. Input Capacitor (CIN)
4. Input Capacitor (CIN)
An aluminum electrolytic or tantalum capacitor is needed for input CIN = 100 μF, 25 V, aluminum electrolytic
bypassing. Locate CIN as close to the VIN and GND pins as possible.
PROCEDURE (Adjustable Output)
EXAMPLE (Adjustable Output)
Known:
Known:
VOUT(Nom)
VOUT = 10 V
VIN(Max) = Maximum input voltage
VIN(Max) = 25 V
ILOAD(Max) = Maximum load current
ILOAD(Max) = 1 A
1. Programming Output Voltage (Selecting R1 and R2)
1. Programming Output Voltage (Selecting R1 and R2)
Referring to Figure 2, VOUT is defined by:
Select R1 = 1 k
R2 = 1 (10 / 1.23 – 1) = 7.13 k
Select R2 = 7.15 k
Ω (closest 1% value)
Choose a value for R1 between 1 k
Ω and 5 kΩ (use 1% metal-film
resistors for best temperature coefficient and stability over time).
2. Inductor Selection (L1)
2. Inductor Selection (L1)
A. Calculate the "set" volts-second (E × T) across L1:
A. Calculate the "set" volts-second (E × T) across L1:
E × T = (VIN – VOUT) × ton
E × T = (25 – 10) × (10 / 25) × (1000 / 52) [V ×
μs]
E × T = (VIN – VOUT) × (VOUT / VIN) × {1000 / fosc(in kHz)} [V × μs]
E × T = 115 V ×
μs
NOTE: Along with ILOAD, the "set" volts-second (E × T) constant
establishes the minimum energy storage requirement for the
inductor.
B. Using Figure 17, select the appropriate inductor code based on B. Using Figure 17, the intersection of 115 V •
μs and 1 A
the intersection of E × T value and ILOAD(Max).
corresponds to an inductor code of H470.
C. The inductor chosen should be rated for operation at 52-kHz and C. H470
→ L1 = 470 μH
have a current rating of at least 1.15 x ILOAD(Max) to allow for the Choose from:
ripple current. The actual peak current in L1 (in normal operation)
34048 (Schott)
can be calculated as follows:
PE-53118 (Pulse Engineering)
IL1(pk) = ILOAD(Max) + (VIN – VOUT) × ton / 2L1
Where ton = VOUT / VIN × (1 / fosc)
RL1961 (Renco)
3. Output Capacitor Selection (COUT)
3. Output Capacitor Selection (COUT)
A. The TL2575 control loop has a two-pole two-zero frequency A. COUT ≥ 7785 × 25 / (10 × 470) [μF]
response. The dominant pole-zero pair is established by COUT and C
OUT ≥ 41.4 μF
L1. To meet stability requirements, COUT must meet the following
To
obtain
an
acceptable
output
voltage
ripple
requirement:
COUT = 220 μF electrolytic
However, COUT may need to be several times larger than the
calculated value above in order to achieve an acceptable output
ripple voltage of ~0.01 × VOUT.
16
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TL2575 TL2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com