Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # PSB
Description  chip type power shunt resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PSB Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  PSB Datasheet HTML 1Page - KOA Speer Electronics, Inc. PSB Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSB
chip type power shunt resistor
Rated
TerminalPart
Temperature
Resistance
Tolerance
Resistance
Range
Part
Designation
Operating
Temperature
Range
Power
Rating
T.C.R.
(ppm/°C)
Max.
applications and ratings
PSB
6W*
±75
0.75mΩ, 1mΩ
7W*
±100
0.2mΩ
-65°C to +155°C
+105°C
F: ±1%
* This power rating is guaranteed only for use on an aluminum substrate with the recommended solder pads shown in Appendix E of the part
catalog or the “Pad Dimensions” related information on the KOA Speer web site. Please check with KOA before ordering or using.
DeratingCurve
environmental applications
100
80
60
40
20
-60 -40 -20 0
40 60 80100
140
105
20
Terminal Part Temperature
(°C)
0
-65
120
155
PerformanceCharacteristics
Parameter
Requirement∆R±%
Limit
Typical
TestMethod
Overload (Short time)
0.2m: 35W for 5 seconds
Rated power x 2.5 for 5 seconds
Use our designated aluminum circuit board & heat sink
0.2mΩ: 1.0%
0.75mΩ, 1.0mΩ:
±0.5%
±0.1%
Resistance to Solder Heat
0.75m, 1m: 260°C ± 5°C, 10 seconds ± 1 second
0.2mΩ: 1.0%
0.75mΩ, 1.0mΩ:
±0.5%
±0.2%
Rapid Change
of Temperature
0.2m: -55°C (30 minutes), +125°C (30 minutes), 1,000 cycles
0.75m, 1.0m: -40°C (30 minutes), +125°C (30 minutes), 1,000 cycles
Use our designated aluminum circuit board and heat sink
0.2mΩ: 1.0%
0.75mΩ, 1.0mΩ:
±0.5%
±0.1%
Moisture Resistance
85°C ± 2°C, 85% RH, 1000 hours, 10% Bias
0.2mΩ: 1.0%
0.75mΩ, 1.0mΩ:
±0.5%
±0.1%
Endurance at 105°C and Less
of Terminal Part Temperature
Terminal part temperature: 105°C ± 2°C, 1000 hours, 1.5 hr ON,
0.5 hr OFF cycle. Use our designated aluminum circuit board
±1.0%
±0.1%
Low Temperature Operation
-65°C, 96 hours. Use our designated aluminum circuit board
0.2mΩ: 1.0%
0.75mΩ, 1.0mΩ:
±0.5%
±0.1%
High Temperature Exposure
+155°C, 1,000 hours. Use our designated aluminum circuit board
±1%
±0.1%
For resistors operated at a terminal part temperature of described for each size
or above, a power rating shall be derated in accordance with the derating curve.
Please refer to “Introduction of the derating curve based on the terminal
part temperature” on the beginning of our catalog before use.
NEW
53
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/13/14



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com