Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6227 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6227
Description  50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6227 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6227 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6227 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6227 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
RF Load Design
Precision
Connector
2.4mm Male
Connector Specification
MIL-STD-348
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 50
Impedance, Ohms
50
Maximum VSWR
1.45:1
Maximum Input Power, Watts
1
Peak Power, Watts
100
Frequency 1
Frequency, GHz
DC to 6
VSWR
1.1:1
Frequency 2
Frequency, GHz
6 to 26.5
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range, deg C
+100 to -55
Size
Length, in [mm]
0.44 [11.18]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.54 [244.94]
Connector
Type
2.4mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-PRF-39012
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
QQ-P-35
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
10 [1.13]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
PPO
PE6227
PE6227 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz PE6227
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz


Similar Part No. - PE6227

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6227 PASTERNACK-PE6227 Datasheet
379Kb / 4P
2 Watt RF Load Up to 50 GHz With 2.4mm Male Input Passivated Stainless Steel
PE6227 PASTERNACK-PE6227_17 Datasheet
379Kb / 4P
2 Watt RF Load Up to 50 GHz With 2.4mm Male Input Passivated Stainless Steel
More results

Similar Description - PE6227

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6077 PASTERNACK-PE6077 Datasheet
261Kb / 2P
50 Ohm 1 Watts Precision Passivated Stainless Steel SMA Male RF Load Up To 26.5 GHz
PE6085 PASTERNACK-PE6085 Datasheet
245Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PE6173 PASTERNACK-PE6173 Datasheet
353Kb / 3P
50 Ohm 1 Watt Precision 2.92mm Male RF Load Up To 40 GHz
PE6176 PASTERNACK-PE6176 Datasheet
360Kb / 3P
50 Ohm 2 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PE6178 PASTERNACK-PE6178 Datasheet
361Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6179 PASTERNACK-PE6179 Datasheet
356Kb / 3P
50 Ohm 1 Watt Precision 2.4mm Male RF Load with Chain Up To 50 GHz
PE6180 PASTERNACK-PE6180 Datasheet
353Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Female RF Load Up To 50 GHz
PE6151 PASTERNACK-PE6151 Datasheet
203Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 8 GHz
PE6149 PASTERNACK-PE6149_13 Datasheet
204Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 2.5 GHz
PE6158 PASTERNACK-PE6158_13 Datasheet
208Kb / 2P
50 Ohm 2 Watts Precision Brass TNC Male RF Load Up To 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com