Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6230 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6230
Description  High Power 200 Watts RF Load Up To 3 GHz With N Male Input High Power Black Anodized Aluminum Heatsink
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6230 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6230 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6230 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6230 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Male
Heat Sink
Black Anodized Aluminum Heatsink
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.25:1
Maximum Input Power, Watts
200
Peak Power, KWatts
10
Passive Intermodulation, dBc
-100
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
9.6 [243.84]
Width/Dia., in [mm]
3.8 [96.52]
Height, in [mm]
2.3 [58.42]
.
Weight, lbs [Kg]
5.95 [2.7]
Color
Black
Connector
Type
N Male
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6230
PE6230 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: High Power 200 Watts RF Load Up To 3 GHz With N Male Input High Power Black Anodized
Aluminum Heatsink PE6230
High Power 200 Watts RF Load Up To 3 GHz With N Male
Input High Power Black Anodized Aluminum Heatsink


Similar Part No. - PE6230

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6230 PASTERNACK-PE6230 Datasheet
449Kb / 4P
N Male Input High Power Black Anodized Aluminum Heatsink
PE6230 PASTERNACK-PE6230_16 Datasheet
449Kb / 4P
N Male Input High Power Black Anodized Aluminum Heatsink
More results

Similar Description - PE6230

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6185 PASTERNACK-PE6185 Datasheet
234Kb / 3P
50 Ohm 10 Watts Black Anodized Aluminum Heatsink N Male RF Load Up To 6 GHz
PE6189 PASTERNACK-PE6189 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PE6197 PASTERNACK-PE6197 Datasheet
200Kb / 3P
High Power 100 Watts RF Load Up To 3 GHz With 7-16 DIN Male Input Conduction Cooled Body Black Anodized Aluminum Heatsink
PE6231 PASTERNACK-PE6231 Datasheet
242Kb / 3P
50 Ohm 200 Watts High Power Black Anodized Aluminum Heatsink N Female RF Load Up To 3 GHz
PE6234 PASTERNACK-PE6234 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Female Input Round Body Black Anodized Aluminum Heatsink
PE6095 PASTERNACK-PE6095_16 Datasheet
425Kb / 3P
5 Watt RF Load Up to 18 GHz With SMA Male Input Black Anodized Aluminum Heatsink
PE6097 PASTERNACK-PE6097_16 Datasheet
427Kb / 3P
5 Watt RF Load Up to 18 GHz With N Male Input Black Anodized Aluminum Heatsink
PE6189 PASTERNACK-PE6189_16 Datasheet
441Kb / 4P
50 Watt RF Load Up to 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PE6228 PASTERNACK-PE6228_16 Datasheet
427Kb / 3P
25 Watt RF Load Up to 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PE6230 PASTERNACK-PE6230_16 Datasheet
449Kb / 4P
N Male Input High Power Black Anodized Aluminum Heatsink
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com