Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6233 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6233
Description  Medium Power 50 Watts RF Load Up To 3 GHz With N Female Input Square Body Aluminum
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6233 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6233 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6233 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Female
Heat Sink
Aluminum
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.25:1
Maximum Input Power, Watts
50
Peak Power, KWatts
1
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
.
Weight, lbs [g]
0.07 [31.75]
Connector
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Peak Power is 5µs Pulse width with a 3% Duty Cycle
Medium Power 50 Watts RF Load Up To 3 GHz With N Female Input Square Body Aluminum from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Medium Power 50 Watts RF Load Up To 3 GHz With N Female Input Square Body Aluminum
PE6233
URL: http://www.pasternack.com/50-watts-n-female-rf-load-up-to-3-ghz-pe6233-p.aspx
PE6233
PE6233 REV 1.1
Medium Power 50 Watts RF Load Up To 3 GHz
With N Female Input Square Body Aluminum


Similar Part No. - PE6233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6230 PASTERNACK-PE6230 Datasheet
204Kb / 3P
High Power 200 Watts RF Load Up To 3 GHz With N Male Input High Power Black Anodized Aluminum Heatsink
PE6230 PASTERNACK-PE6230 Datasheet
449Kb / 4P
N Male Input High Power Black Anodized Aluminum Heatsink
PE6230 PASTERNACK-PE6230_16 Datasheet
449Kb / 4P
N Male Input High Power Black Anodized Aluminum Heatsink
PE6231 PASTERNACK-PE6231 Datasheet
242Kb / 3P
50 Ohm 200 Watts High Power Black Anodized Aluminum Heatsink N Female RF Load Up To 3 GHz
PE6231 PASTERNACK-PE6231 Datasheet
447Kb / 4P
N Female Input High Power Black Anodized Aluminum Heatsink
More results

Similar Description - PE6233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6206 PASTERNACK-PE6206 Datasheet
249Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz With N Female input
PE6213 PASTERNACK-PE6213 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6214 PASTERNACK-PE6214 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6188 PASTERNACK-PE6188 Datasheet
203Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz With N Male
PE6189 PASTERNACK-PE6189 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Male Input Round Body Black Anodized Aluminum Heatsink
PE6198 PASTERNACK-PE6198 Datasheet
201Kb / 3P
Medium Power 50 Watts RF Load Up To 12.4 GHz With N Male Input Square Body
PE6232 PASTERNACK-PE6232 Datasheet
357Kb / 2P
Medium Power 50 Watts RF Load Up To 3 GHz With SMA Female Input Square Body Nickel Plated Brass
PE6234 PASTERNACK-PE6234 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Female Input Round Body Black Anodized Aluminum Heatsink
PE6112 PASTERNACK-PE6112_14 Datasheet
179Kb / 2P
Medium Power 50 Watts RF Load Up To 7 GHz
PE6169 PASTERNACK-PE6169 Datasheet
178Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com