Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6243 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6243
Description  Low Power 1 Watts RF Load Up To 10 GHz With SSMC Male Input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6243 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6243 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6243 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SSMC Male
Connection Method
Standard
Body Style
Straight
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
10
GHz
Impedance
50
Ohms
VSWR
1.3:1
Input Power
1
Watts
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
DC to 10
GHz
.
Mechanical Specifications
Temperature
Operating Range
-45 to +120 deg C
Size
Length
0.59 in [14.99 mm]
Width/Dia.
0.15 in [3.81 mm]
.
Connector
Type
SSMC Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Gold
Hex Size
5/32 Inch
Torque
2 in-lbs [0.23 Nm]
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
PE6243
PE6243 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low Power 1 Watts RF Load Up To 10 GHz With SSMC Male Input PE6243
Low Power 1 Watts RF Load Up To 10
GHz With SSMC Male Input


Similar Part No. - PE6243

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6243 PASTERNACK-PE6243 Datasheet
429Kb / 3P
1 Watt RF Load Up to 10 GHz With SSMC Plug Input Gold Plated Brass
PE6243 PASTERNACK-PE6243_16 Datasheet
429Kb / 3P
1 Watt RF Load Up to 10 GHz With SSMC Plug Input Gold Plated Brass
More results

Similar Description - PE6243

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6205 PASTERNACK-PE6205 Datasheet
250Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz With N Male INPUT
PE6207 PASTERNACK-PE6207 Datasheet
250Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz With TNC Male Input
PE6209 PASTERNACK-PE6209 Datasheet
250Kb / 3P
Medium Power 25 Watts RF Load Up To 8 GHz With 7/16 DIN Male Input
PE6235 PASTERNACK-PE6235 Datasheet
317Kb / 2P
Low Power 1 Watts RF Load Up To 65 GHz
PE6236 PASTERNACK-PE6236 Datasheet
320Kb / 2P
Low Power 1 Watts RF Load With Chain Up To 65 GHz
PE6188 PASTERNACK-PE6188 Datasheet
203Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz With N Male
PE6198 PASTERNACK-PE6198 Datasheet
201Kb / 3P
Medium Power 50 Watts RF Load Up To 12.4 GHz With N Male Input Square Body
PE6242 PASTERNACK-PE6242 Datasheet
328Kb / 2P
Low Power 2 Watts RF Load Up To 50 GHz With 2.4mm Male Input
PE6248 PASTERNACK-PE6248 Datasheet
310Kb / 2P
Low Power 2 Watts RF Load Up To 6 GHz With N Male Input
PE6243 PASTERNACK-PE6243_16 Datasheet
429Kb / 3P
1 Watt RF Load Up to 10 GHz With SSMC Plug Input Gold Plated Brass
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com