Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLR2B Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # TLR2B
Description  metal plate current sense resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TLR2B Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  TLR2B Datasheet HTML 1Page - KOA Speer Electronics, Inc. TLR2B Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TLR
metal plate current sense resistor
applications and ratings
DeratingCurve
TemperatureRise
environmental applications
100
80
60
40
20
-80 -60 -40
0
40 60 80100
180
70
20
Ambient Temperature
(°C)
0
120
170
-20
140
-65
160
125
75
50
25
25
50
75
100
% Rated Power
0
0
1
2
100
2H
2B
2B
2H
1
2
Parameter
Requirement∆R±%
Limit
Typical
TestMethod
Resistance
T.C.R.
25°C
+25°C/+100°C
Within regulated
tolerance
Within specified
T.C.R.
—
—
Resistance to Solder Heat
260°C ± 5°C, 10 ~ 12 seconds
±0.5%
±0.3%
Rapid Change of Temperature
-55°C (15 minutes), +150°C (15 minutes), 1000 cycles
±0.5%
±0.4%
Moisture Resistance
MIL-STD-202, Method 106, 0% power, 7a and 7b not required
±0.5%
±0.1%
Biased Humidity
85°C ± 2°C, 85% RH, 1000 hours, 10% bias
±0.5%
±0.1%
Endurance (Ambient Temp.)
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±1.0%
±0.3%
High Temperature Exposure
±155°C (2B, 2H, 3AW), ±170°C (3A), 1000 hours
±1.0%
±0.6%
Solder
Joint
2
Hot
Spot
1
125
75
50
25
25
50
75
100
% Rated Power
0
0
1
2
100
3AW
3A
3A
3AW
1
2
100
80
60
40
20
-80 -60 -40
0
40 60 80100
180
105
20
Terminal Part Temperature
(°C)
0
120
170
-20
140
-65
160
TLR2B/2H8mΩ
TLR3A/3AW4mΩ
* Please contact factory for T.C.R.: ±50ppm/°C
** Contact factory for 2mΩ dimensions
Resistance
Tolerance
Standard
Resistance
(Ω)
Part
Designation
Rated
Ambient
Temperature
Operating
Temperature
Range
Power
Rating
@70°C
T.C.R.
(ppm/°C)
Max.*
TLR3A
1W
±150
±200
1m, 2m
3m, 4m
+70°C
-65°C to +170°C
F: ±1%
TLR2B
1/2W (.5W)
2m,3m,4m,5m,6m,7m,
8m,9m,10m,11m,12m,
13m,15m,16m,18m,20m
+70°C
-65°C to +170°C
TLR2H
1W
1m,2m,3m,4m,5m,
6m,7m,8m,9m,10m
+70°C
-65°C to +170°C
TLR3AW
2W
±150
+70°C
105°C
105°C
105°C
105°C
±75
F: ±1%
±75
F: ±1%
±75
F: ±1%
-65°C to +170°C
0.5m,0.68m,0.75m,0.82m,
1m,1.5m,2m**,3m,4m,
5m,6m,7m,8m,9m,10m
Rated
TerminalPart
Temperature
PerformanceCharacteristics
For resistors operated at an ambient
temperature of 70°C or above, a power
rating shall be derated in accordance
with the above derating curve.
Regarding the temperature rise, the value of the temperature
varies per conditions and board for use since the temperature
is measured under our measuring conditions.
±170°C (2B, 2H, 3AW), 1000 hours
±1.0% + 0.0001Ω
––
For resistors operated at a terminal part
temperature of described for each size or
above, a power rating shall be derated in
accordance with the derating curve.
Please refer to “Introduction of the derating
curve based on the terminal part temperature”
on the beginning of our catalog before use.
59
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
12/08/14



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com