Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLRH Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # TLRH
Description  metal plate chip type low resistance resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TLRH Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  TLRH Datasheet HTML 1Page - KOA Speer Electronics, Inc. TLRH Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TLRH
metal plate chip type low resistance resistors
Operating
Temperature
Range
-65°C~+155°C
-65°C~+170°C
Tolerance
F: ±1%
Rated
TerminalPart
Temperature
+105°C
Resistance
Range(Ω)
F:±1%(E12)
10m~100m*
24m~270m
10m~22m
Part
Designation
Power
Rating
0.25W
2.0W
T.C.R.
(x10-6/K)
±75
±50
±75
applications and ratings
DeratingCurve
TemperatureRise
environmental applications
100
80
60
40
20
-80 -60 -40
0
40 60 80100
180
105
-65
20
Terminal Part Temperature
(°C)
0
120
170
-20
140 160
155
2A
3AW
75
50
25
25
50
75
100
% Rated Power
0
0
1
2
100
3AW
3AW
PerformanceCharacteristics
Parameter
Requirement∆R%
Limit
Typical
TestMethod
Resistance
T.C.R.
25°C
+25°C/+100°C
Within specified
tolerance
Within specified
T.C.R.
±0.5%
±0.5%
±0.5%
±0.5%
±1%
±0.5%
±1%
Overload (Short time)
Rated power x 2.5 for 5 seconds
Resistance to Soldering Heat
260°C ±5°C, 10 seconds ~ 12 seconds
Rapid Change
of Temperature
-55°C (15min.)/+150°C (15min.) 1000 cycles
Moisture Resistance
85°C ±2°C, 85% RH, 1000 hours, 10% Bias
Endurance at 105°C and Less
of Terminal Part Temperature
Terminal Part Temperature: 105°C, 1000 hours, 1.5 hours ON/0.5 hour OFF cycle
Low Temperature Exposure
-65°C, 96 hours
High Temperature Exposure
2A: +155°C, 1000 hours
3AW: +170°C, 1000 hours
TLRH3AW
75
50
25
25
50
75
100
% Rated Power
0
0
1
2
100
2A (10mΩ)
2A (100mΩ)
2A (10mΩ)
1
2 2A (100mΩ)
TLRH2A
TLRH3AW
TLRH2A
—
—
2A: ±0.01%
3AW: ±0.2%
±0.1%
2A: ±0.2%
3AW: ±0.1%
±0.1%
2A: ±0.2%
3AW: ±0.3%
2A: ±0.05%
3AW: ±0.02%
2A: ±0.5%
3AW: ±0.2%
2
1
* Contact factory for values other than E12
For resistors operated at a terminal part temperature of
described for each size or above, a power rating shall be
derated in accordance with the derating curve.
Please refer to “Introduction of the derating curve based
on the terminal part temperature” on the beginning of our
catalog before use.
Regarding the temperature rise, the value of the temperature varies per conditions
and board for use since the temperature is measured under our measuring conditions.
Please contact factory prior to use.
63
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/16/14



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com