Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT8067 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT8067
Description  N-CHANNEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT8067 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT8067 Datasheet HTML 1Page - Unisonic Technologies UT8067 Datasheet HTML 2Page - Unisonic Technologies UT8067 Datasheet HTML 3Page - Unisonic Technologies UT8067 Datasheet HTML 4Page - Unisonic Technologies UT8067 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UT8067
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R210-005.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous (Note 1)
ID
9
A
Drain Current
Pulsed (Note 1)
IDM
36
A
Avalanche Current
IAR
9
A
Single Pulsed Avalanche Energy (Note 2)
EAS
21
mJ
Power Dissipation (t=10s)
PD
1.0
W
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 0.2mH, IAS = 9A, VDD = 24V, RG = 1.2Ω, Starting TJ = 25°C
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (t=10s)
θJA
125
°C/W
Note: Surface Mounted on 25.4 mm×25.4 mm×0.8mm FR4 Board.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
BVDSS
ID=10mA, VGS=0V
30
V
Drain-Source Breakdown Voltage
BVDSX
ID=10mA, VGS=-20V
15
V
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0V
10
µA
Forward
VGS=+20V, VDS=0V
+0.1
µA
Gate-Source Leakage Current
Reverse
IGSS
VGS=-20V, VDS=0V
-0.1
µA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=10V, ID=0.1mA
1.3
2.3
V
VGS=4.5V, ID=4.5A
26
33
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=4.5A
20
25
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
690
pF
Output Capacitance
COSS
120
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=10V, f=1.0MHz
28
pF
SWITCHING PARAMETERS
VDD≈24V, VGS=10V, ID=9A
9.5
nC
Total Gate Charge
QG
VDD≈24V, VGS=5V, ID=9A
4.7
nC
Gate to Source Charge
QGS
2.2
nC
Gate to Drain Charge
QGD
VDD≈24V, VGS=10V, ID=9A
0.9
nC
Gate Resistance
RG
VGS=0V, VDS=10V, f=5MHz
3.4
5.1
Ω
Turn-ON Delay Time
tD(ON)
6.7
ns
Rise Time
tR
2.1
ns
Turn-OFF Delay Time
tD(OFF)
15
ns
Fall-Time
tF
2.1
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
ISD=9A, VGS=0V
-1.2
V
Continuous Drain-Source Current
ISD
36
A
Notes: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com