Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTM6006 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTM6006
Description  N-CHANNEL FAST SWITCHING MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTM6006 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTM6006 Datasheet HTML 1Page - Unisonic Technologies UTM6006 Datasheet HTML 2Page - Unisonic Technologies UTM6006 Datasheet HTML 3Page - Unisonic Technologies UTM6006 Datasheet HTML 4Page - Unisonic Technologies UTM6006 Datasheet HTML 5Page - Unisonic Technologies UTM6006 Datasheet HTML 6Page - Unisonic Technologies UTM6006 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UTM6006
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-B18.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
TA=25°C
6.3
A
Continuous
VGS @ 10V (Note 1)
TA=70°C
ID
5.0
A
Drain Current
Pulsed (Note 2)
IDM
32
A
Avalanche Current
IAS
28
A
Single Pulse Avalanche Energy (Note 3)
EAS
67
mJ
SOP-8
1.5
Power Dissipation (TA=25°C) (Note 4)
DFN-8(5×6)
PD
1.92
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
85
Junction to Ambient
DFN-8(5×6)
θJA
65
°C/W
SOP-8
24
Junction to Case
DFN-8(5×6)
θJC
12
°C/W
Notes: 1. The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2. The data tested by pulsed, pulse width ≤ 300µs, duty cycle ≤ 2%.
3. The EAS data shows Max. rating. The test condition is VDD=25V, VGS=10V, L=0.1mH, IAS=30A.
4. The power dissipation is limited by 150°C junction temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com