Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

620PS076 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 620PS076
Description  Connectors and Accessories
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

620PS076 Datasheet(HTML) 2 Page - Glenair, Inc.

  620PS076 Datasheet HTML 1Page - Glenair, Inc. 620PS076 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
60
H
© 2013 Glenair, Inc.
Series 970 PowerTrip™
CAGE Code 06324
Printed in U.S.A.
DIMENSIONS
Shell
Size
A
Thread
ø B Max.
C
± .031 (0.79)
D Max.
E Max.
F Ref.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
18
1.125-18 UNEF-2B
1.39
35.3
.438 11.13 1.500 38.10 1.83
46.48
.63
16.0
20
1.250-18 UNEF-2B
1.53
38.9
.625 15.88 1.687 42.85 1.83
46.48
.63
16.0
24
1.4375-18 UNEF-2B 1.72
43.7
.688 17.48 1.921 48.79 2.03
51.56
.63
16.0
28
1.8125-16 UN-2B
2.13
54.1
.938 23.83 2.355 59.82 2.13
54.10
.63
16.0
32
2.0625-16 UNS-2B
2.35
59.7
1.062 26.97 2.716 68.99 2.53
64.26
.75
19.1
36
2.250-16 UN-2B
2.59
65.8
1.438 36.53 2.869 72.87 2.53
64.26
.75
19.1
40
2.500-16 UN-2B
2.87
70.6
1.438 36.53 3.066 77.88 2.53
64.26
.75
19.1
BUSHING DIMEN-
SIONS
Wire
Size
X Ref.
In.
mm.
#8 AWG
.217
5.51
#4 AWG
.331
8.41
#1/0 AWG .500 12.70
620PS076 STRAIN RELIEF CLAMP
X
Series 970 PowerTrip™ Connectors and Accessories
Accessories
620PS076 Strain Relief Clamp
INSTALLATION TORQUE
Shell
Size
Recommended
Installation Torque
Inch-Pounds ± 5
18
116
20, 24
136
28, 32, 36
148
40
164
MATERIALS AND FINISHES
Coupling nut, clamp, saddle bars: aluminum
or stainless steel. See How To Order for
material & finish options.
Anti-decoupling spring: high-temperature
thermoplastic
Wire support bushing: high-temperature
thermoplastic
A THREAD
Ø B
Ø C
(CLAMP
CLOSED)
COUPLING NUT WITH
ANTI-DECOUPLING
MECHANISM
Ø .13 (3.3) DRAIN HOLE
6 PLCS
E
F
REF
WIRE
SUPPORT
BUSHING
(OPTIONAL)
D
X



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com