Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE51147 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE51147
Description  Whip Antenna Operates From 482 MHz to 512 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51147 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE51147 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE51147 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE51147 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
2
Connectors
Description
Connector 1
Connector 2
Connector 3
Inner Conductor Material and Plating
Brass
Body Material and Plating
Brass
.
Environmental Specifications
Temperature
Operating Range
-20 to +65 deg C
Environment
IP67
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
•
Values at 25 °C, sea level
Outline Drawing
PE51147
PE51147 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Whip Antenna Operates From 482 MHz to 512 MHz With a Typical 0 dBi Gain MX Input Con-
nector IP67 Rated
PE51147
Whip Antenna Operates From 482 MHz to 512 MHz With
a Typical 0 dBi Gain MX Input Connector IP67 Rated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com