Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8424CDB Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SI8424CDB
Description  N-Channel 8 V (D-S) MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI8424CDB Datasheet(HTML) 2 Page - Vishay Telefunken

  SI8424CDB Datasheet HTML 1Page - Vishay Telefunken SI8424CDB Datasheet HTML 2Page - Vishay Telefunken SI8424CDB Datasheet HTML 3Page - Vishay Telefunken SI8424CDB Datasheet HTML 4Page - Vishay Telefunken SI8424CDB Datasheet HTML 5Page - Vishay Telefunken SI8424CDB Datasheet HTML 6Page - Vishay Telefunken SI8424CDB Datasheet HTML 7Page - Vishay Telefunken SI8424CDB Datasheet HTML 8Page - Vishay Telefunken SI8424CDB Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Si8424CDB
www.vishay.com
Vishay Siliconix
S15-1692-Rev. C, 20-Jul-15
2
Document Number: 63894
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Surface mounted on 1" x 1" FR4 board with full copper, t = 5 s.
b. Maximum under steady state conditions is 85 °C/W.
c. Surface mounted on 1" x 1" FR4 board with minimum copper, t = 5 s.
d. Maximum under steady state conditions is 175 °C/W.
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Surface mounted on 1" x 1" FR4 board with full copper, t = 5 s
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum Junction-to-Ambient a, b
t = 5 s
RthJA
35
45
°C/W
Maximum Junction-to-Ambient c, d
t = 5 s
RthJA
85
110
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
8
-
-
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 μA
-3-
mV/°C
VGS(th) Temperature Coefficient
VG
S(th)/TJ
--2.6
-
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
0.35
-
0.8
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 5 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS= 8 V, VGS = 0 V
-
-
1
μA
VDS = 8 V, VGS = 0 V, TJ = 70 °C
-
-
10
On-State Drain Current a
ID(on)
VDS  5 V, VGS = 4.5 V
5
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 4.5 V, ID = 2 A
-
0.015
0.020
VGS = 2.5 V, ID = 1 A
-
0.016
0.021
VGS = 1.8 V, ID = 1 A
-
0.017
0.023
VGS = 1.5 V, ID = 1 A
-
0.018
0.028
VGS = 1.2 V, ID = 0.5 A
-
0.022
0.045
Forward Transconductance a
gfs
VDS = 4 V, ID = 2 A
-
30
-
S
Dynamic b
Input Capacitance
Ciss
VDS = 4 V, VGS = 0 V, f = 1 MHz
-
2340
-
pF
Output Capacitance
Coss
-
870
-
Reverse Transfer Capacitance
Crss
-
600
-
Total Gate Charge
Qg
VDS = 4 V, VGS = 4.5 V, ID = 2 A
-25
40
nC
Gate-Source Charge
Qgs
-3.3
-
Gate-Drain Charge
Qgd
-3.6
-
Gate Resistance
Rg
VGS = 0.1 V, f = 1 MHz
-
3.5
-
Turn-On Delay Time
td(on)
VDD = 4 V, RL = 2 
ID @ 2 A, VGEN = 4.5 V, Rg = 1 
-13
30
ns
Rise Time
tr
-19
40
Turn-Off Delay Time
td(off)
-73
150
Fall Time
tf
-20
40
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode
IS
TA = 25 °C
-
-
2.3 c
A
Pulse Diode Forward Current
ISM
--
25
Body Diode Voltage
VSD
IS = 2 A, VGS = 0 V
-
0.7
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 2 A, dI/dt = 100 A/μs, TJ = 25 °C
-40
80
ns
Body Diode Reverse Recovery Charge
Qrr
-20
40
nC
Reverse Recovery Fall Time
ta
-15-
ns
Reverse Recovery Rise Time
tb
-25-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com