Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR494DP Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SIR494DP
Description  N-Channel 12-V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIR494DP Datasheet(HTML) 1 Page - Vishay Telefunken

  SIR494DP Datasheet HTML 1Page - Vishay Telefunken SIR494DP Datasheet HTML 2Page - Vishay Telefunken SIR494DP Datasheet HTML 3Page - Vishay Telefunken SIR494DP Datasheet HTML 4Page - Vishay Telefunken SIR494DP Datasheet HTML 5Page - Vishay Telefunken SIR494DP Datasheet HTML 6Page - Vishay Telefunken SIR494DP Datasheet HTML 7Page - Vishay Telefunken SIR494DP Datasheet HTML 8Page - Vishay Telefunken SIR494DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
SiR494DP
New Product
Document Number: 64824
S09-0874-Rev. A, 18-May-09
www.vishay.com
1
N-Channel 12-V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Gen III Power MOSFET
•
100 % Rg Tested
•
100 % UIS Tested
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
DC/DC
•
OR-ing
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
12
0.0012 at VGS = 10 V
60
50 nC
0.0017 at VGS = 4.5 V
60
Ordering Information: SiR494DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK® SO-8
Bottom View
N-Channel MOSFET
G
D
S
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See Solder Profile (
www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 54 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
12
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
60a
A
TC = 70 °C
60a
TA = 25 °C
53.7b, c
TA = 70 °C
43b, c
Pulsed Drain Current
IDM
100
Continuous Source-Drain Diode Current
TC = 25 °C
IS
60a
TA = 25 °C
5.6b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
15
Single Pulse Avalanche Energy
EAS
11
mJ
Maximum Power Dissipation
TC = 25 °C
PD
104
W
TC = 70 °C
66.6
TA = 25 °C
6.25b, c
TA = 70 °C
4.0b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 10 s
RthJA
15
20
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
0.9
1.2


Similar Part No. - SIR494DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR494DP VISHAY-SIR494DP Datasheet
511Kb / 13P
N-Channel 12-V (D-S) MOSFET
18-May-09
SIR494DP-T1-GE3 VISHAY-SIR494DP-T1-GE3 Datasheet
511Kb / 13P
N-Channel 12-V (D-S) MOSFET
18-May-09
More results

Similar Description - SIR494DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
N-Channel 12-V (D-S) MOSFET
22-Dec-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
N-Channel 12 V (D-S) MOSFET
03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
N-Channel 12-V (D-S) MOSFET
22-Sep-08
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
N-Channel 12 V (D-S) MOSFET
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
N-Channel 12 V (D-S) MOSFET
08-Aug-16
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
N-Channel 12-V (D-S) MOSFET
17-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
N-Channel 12 V (D-S) MOSFET
03-May-10
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
N-Channel 12 V (D-S) MOSFET
03-Nov-08
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
N-Channel 12-V (D-S) MOSFET
17-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com