Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5819WS Datasheet(PDF) 2 Page - Unisonic Technologies

Part # B5819WS
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

B5819WS Datasheet(HTML) 2 Page - Unisonic Technologies

  B5819WS Datasheet HTML 1Page - Unisonic Technologies B5819WS Datasheet HTML 2Page - Unisonic Technologies B5819WS Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B5819WS
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R202-037.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Recurrent Peak Reverse Voltage
VRRM
40
V
RMS Voltage
VRMS
28
V
DC Blocking Voltage
VDC
40
V
Average Forward Current
TC=90°C
IF(AV)
1.0
A
Peak Forward Surge Current 8.3ms Half Sine
IFSM
10
A
Storage Temperature
TSTG
-65~+150
°C
Operating Temperature
TOPR
-65~+125
°C
Note: Absolute maximum ratings are those values bey ond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction To Ambient
θJA
500
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IFM=1.0A, TJ=25°C (Note 1)
0.60
V
Instantaneous Forward Voltage
VF
IFM=3A, TJ=25°C (Note 1)
0.90
V
DC Reverse Current at Rated DC Blocking
Voltage
IR
TA=25°C
1
mA
Junction Capacitance
CJ
Measured at 1.0MHz, VR=4.0V
120
pF
Note: Pulse Test: Pulse Width 300µs, Duty Cycle 2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com