Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR4045C Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR4045C
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR4045C Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR4045C Datasheet HTML 1Page - Unisonic Technologies MBR4045C Datasheet HTML 2Page - Unisonic Technologies MBR4045C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR4045C
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R601-273.B
40A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC MBR4045C is a 40A schottky barrier rectifier, it uses
UTC’s advanced technology to provide the customers with high
surge capability, high efficiency, high current capability, low power
loss and low forward voltage drop, etc.
The UTC MBR4045C is suitable for free wheeling and polarity
protection, etc.
FEATURES
* Low Reverse Current
* Low Stored Charge, Majority Carrier Conduction
* Low Power Loss/High Efficiency
* Highly Stable Oxide Passivated Junction
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
MBR4045CL-TA3-T
MBR4045CG-TA3-T
TO-220
A
K
A
Tube
Note: Pin Assignment: A: Anode
K: Cathode
MBR4045CL-TA3-T
(1)Packing Type
(2)Package Type
(1) T: Tube
(2) TA3: TO-220
(3) L: Lead Free, G: Halogen Free and Lead Free
(3)Green Package
MARKING


Similar Part No. - MBR4045C

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
MBR4045C-T SKTECHNOLGY-MBR4045C-T Datasheet
370Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
MBR4045C-TF SKTECHNOLGY-MBR4045C-TF Datasheet
370Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
MBR4045CT MICROSEMI-MBR4045CT Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
International Rectifier
MBR4045CT IRF-MBR4045CT Datasheet
175Kb / 8P
SCHOTTKY RECTIFIER
MBR4045CT IRF-MBR4045CT Datasheet
175Kb / 7P
SCHOTTKY RECTIFIER
More results

Similar Description - MBR4045C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com