Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR4060C Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR4060C
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR4060C Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR4060C Datasheet HTML 1Page - Unisonic Technologies MBR4060C Datasheet HTML 2Page - Unisonic Technologies MBR4060C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR4060C
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R601-275.a
40A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC MBR4060C is a 40A schottky barrier rectifier, it uses
UTC’s advanced technology to provide the customers with high
surge capability, high efficiency, high current capability, low power
loss and low forward voltage drop, etc.
The UTC MBR4060C is suitable for free wheeling and polarity
protection, etc.
FEATURES
* Low Reverse Current
* Low Stored Charge, Majority Carrier Conduction
* Low Power Loss/High Efficiency
* Highly Stable Oxide Passivated Junction
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
MBR4060CL-TA3-T
MBR4060CG-TA3-T
TO-220
A
K
A
Tube
Note: Pin Assignment: A: Anode
K: Cathode
MBR4060CL-TA3-T
(1)Packing Type
(2)Package Type
(1) T: Tube
(2) TA3: TO-220
(3) L: Lead Free, G: Halogen Free and Lead Free
(3)Green Package
MARKING


Similar Part No. - MBR4060C

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
MBR4060C-T SKTECHNOLGY-MBR4060C-T Datasheet
370Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
MBR4060C-TF SKTECHNOLGY-MBR4060C-TF Datasheet
370Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
MBR4060CT CHENYI-MBR4060CT Datasheet
477Kb / 2P
40Amp schottky barrier rectifier 20to60 volts
logo
Sirectifier Global Corp...
MBR4060CT SIRECT-MBR4060CT Datasheet
141Kb / 2P
Power Schottky Rectifier - 40Amp 60Volt
logo
Kersemi Electronic Co.,...
MBR4060CT KERSEMI-MBR4060CT Datasheet
864Kb / 2P
Power Schottky Rectifier - 40Amp 60Volt
More results

Similar Description - MBR4060C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com