Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

809-001 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 809-001
Description  Electrical Pin Contact
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

809-001 Datasheet(HTML) 1 Page - Glenair, Inc.

  809-001 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D-4
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
D
Standard size #23 contacts accept #22 to #28 AWG wire. Choose "small bore" versions for #26 to #30
AWG wire. For thermocouple applications, specify alumel or chromel contacts. Contacts are bulk
packaged. Terminate with standard M22520 crimper with special positioner.
Size #23 Crimp Pin Contact for Micro-Crimp and Mighty Mouse Connectors
Contact
Type
Wire Size
Material
Part Number
Ø A
Color
Band
In.
mm.
Pin
#22 – #28
BeCu
809-001
.0335-.0355
0.851-0.902
None
Pin
#26 – #30
BeCu
809-042
.0229-.0245
0.582-0.622
Blue
Pin
#22 – #28
Alumel
809-065A
.0335-.0355
0.851-0.902
None
Pin
#22 – #28
Chromel
809-065C
.0335-.0355
0.851-0.902
None
CRIMP TENSILE STRENGTH
Values are in pounds
and are minimums.
Wire
Gage
Silver or
Tin Coated
Copper Wire
Nickel
Coated
Copper
Wire
#22
12
8
#24
8
6
#26
5
3
#28
3
2
#30
1.5
1.5
809-001
#23 Electrical Pin Contact
For Series 79 Micro-Crimp and Series 80 Mighty Mouse
.289 (7.34)
.283 (7.19)
.034 (0.86)
.029 (0.74)
Spherical Radius
.015 (0.38) Max Flat
Color
Band
.165 (4.19)
.160 (4.06)
Ø .048 (1.22)
.044 (1.12)
Ø .056 (1.42)
Max
Ø .0275 (0.699)
.0265 (0.673)
Ø A
Material and Finish
Beryllium copper alloy per ASTM B196 or B197, 50 microinches gold plated per ASTM B488
Type 3 Code C Class 1,27 over nickel plate per QQ-N-290 Class 2, 50-100 microinches.
Thermocouple contacts: alumel or chromel alloy, unplated, per ANSI 96.1
Socket contact hood: stainless steel, passivated per AMS-QQ-P-35.
Specifications
Current Rating: 5 Amps maximum
Voltage Drop (at 5 Amps and 25° C): 70 millivolts maximum
Temperature Range: -65° to + 200° C
Socket Contact Minimum Separation Force: 0.5 ounces
Crimp Tools and Insertion/Extraction Tools
Crimper: 809-015 or AFM8
Positioner: 809-005 (std). Use P/N 809-057 for small bore contacts 809-065 and 809-066
Standard Insertion/Extraction Tool: 809-088


Similar Part No. - 809-001

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
809-001 GLENAIR-809-001 Datasheet
322Kb / 7P
Contacts and Tools Crimp Contacts
More results

Similar Description - 809-001

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
39029-106 GLENAIR-39029-106 Datasheet
353Kb / 2P
Extended Duty Electrical Socket Contact
M39029-56 GLENAIR-M39029-56 Datasheet
258Kb / 2P
Standard Duty Electrical Socket Contact
M39029-58 GLENAIR-M39029-58 Datasheet
478Kb / 2P
Standard Duty Electrical Pin Contact
M39029-64 GLENAIR-M39029-64 Datasheet
220Kb / 1P
Standard Duty Electrical Pin Contact
M39029-83 GLENAIR-M39029-83 Datasheet
249Kb / 2P
Standard Duty Electrical Pin Contact
M39029-107 GLENAIR-M39029-107 Datasheet
353Kb / 2P
Extended Duty Electrical Pin Contact
809-002 GLENAIR-809-002 Datasheet
131Kb / 1P
Electrical Socket Contact
850-022 GLENAIR-850-022 Datasheet
175Kb / 1P
Standard Duty Electrical Pin Contact
850-002 GLENAIR-850-002 Datasheet
478Kb / 2P
Standard Duty Electrical Pin Contact
logo
Japan Automatic Machine...
JC-0622-067 JAM-JC-0622-067 Datasheet
35Kb / 1P
Pin Contact Pin Contact
13.09.10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com