Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSB79TA-5 Datasheet(PDF) 1 Page - Micro Electronics

Part # MSB79TA-5
Description  1.9mm x 3.97mm RECTANGULAR BAR LED LAMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MSB79TA-5 Datasheet(HTML) 1 Page - Micro Electronics

  MSB79TA-5 Datasheet HTML 1Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - MSB79TA-5

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MSB79TA MICRO-ELECTRONICS-MSB79TA Datasheet
212Kb / 2P
1.9mm x 3.97mm RECTANGULAR BAR LED LAMP
More results

Similar Description - MSB79TA-5

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB75D MICRO-ELECTRONICS-MGB75D Datasheet
36Kb / 1P
1.9mm x 3.1mm RECTANGRLAR BAR LED LAMP
MGB79TA MICRO-ELECTRONICS-MGB79TA Datasheet
211Kb / 2P
1.9mm x 3.97mm RECTANGULAR BAR LED LAMP
MOB75T MICRO-ELECTRONICS-MOB75T Datasheet
46Kb / 1P
1.9mm x 3.1mm RECTANGULAR BAR LED LAMPS
MOB79TA MICRO-ELECTRONICS-MOB79TA Datasheet
205Kb / 2P
1.9mm x 3.97mm RECTANGULAR BAR LED LAMP
MS75D MICRO-ELECTRONICS-MS75D Datasheet
39Kb / 1P
1.9mm x 3.1mm RECTANGULAR BAR LED LAMP
MSB75D MICRO-ELECTRONICS-MSB75D Datasheet
38Kb / 1P
1.9mm x 3.1mm RECTANGULAR BAR LED LAMP
MSB75DA-1 MICRO-ELECTRONICS-MSB75DA-1 Datasheet
60Kb / 1P
1.9mm x 3.1mm RECTANGULAR BAR LED LAMP
MSB75TA-1 MICRO-ELECTRONICS-MSB75TA-1 Datasheet
63Kb / 1P
1.9mm x 3.1mm RECTANGULAR BAR LED LAMP
MSB79TA MICRO-ELECTRONICS-MSB79TA Datasheet
212Kb / 2P
1.9mm x 3.97mm RECTANGULAR BAR LED LAMP
MXB79 MICRO-ELECTRONICS-MXB79 Datasheet
51Kb / 1P
1.90 X 3.97MM ROUND RECTANGULAR BARLED LAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com