Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL8333 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PL8333
Description  Wide supply voltage range: 2.4V to 5V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL8333 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PL8333 Datasheet HTML 1Page - List of Unclassifed Manufacturers PL8333 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technologies for Tomorrow
Power Meter Solutions – Product series
PL8333
Please visit our website
www.prolific.com.tw
for our comprehensive product
line.
PROLIFIC TECHNOLOGIES INC.
Technologies for Tomorrow
Tel: 886-3-578-2011. Ext- 3637
Fax: 886-3-578-2022
E-mail: ranjit-dash@prolific.com.tw
Prolific Technologies Inc.
No.10-2, Li Hsing First Road,
Science-Based Park,
PROLIFIC
TECHNOLOGIES INC.
The PL8333 series of ultralow power mixed-
signal processors consist of several devices featuring
different sets of peripherals targeted for energy meter
applications. It integrate analog front end and fixed
function DSP solution with an enhanced 8052 MCU
core, RTC and LCD driver in a single part. The measure-
ment core includes active, reactive, apparent energy
calculations, voltage, current RMS, and frequency
measurements. This information can be used as energy
billing and any necessary application. Also included is a
built-in 16-bit timer, LCD segment drive capability and
hardware multiplier.
The PL8333 integrates three PGA with gain
setting from 1x to 32x. Three 24-bit sigma-deltas A/D
converters guarantee precision captured data and
enough resolution need.
The microprocessor functionality includes a
single-cycle 8052 core, a real-time clock, 2UARTs, and
an SPI, I
2C and JTAG interface. It reduces the program
memory size requirement and makes it easy to inte-
grate complicated designs.
The programming is very easy and support
different ways. (SPI or JTAG) No external voltage
needed when programming.
Prolific PL8333


Similar Part No. - PL8333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL8331 ETC2-PL8331 Datasheet
418Kb / 2P
Multi mode power saving function
logo
Prolific Technology Inc...
PL8331 PROLIFIC-PL8331 Datasheet
418Kb / 2P
Power Meter Solutions ??Product series
logo
List of Unclassifed Man...
PL8332 ETC2-PL8332 Datasheet
475Kb / 2P
Ultralow power consumption
More results

Similar Description - PL8333

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
Wide supply voltage range
logo
Hi-Sincerity Mocroelect...
H177 HSMC-H177 Datasheet
207Kb / 6P
Wide range of supply voltage: 3.5V to 28V.
logo
Texas Instruments
LMV112 TI-LMV112 Datasheet
1Mb / 22P
Small Signal Bandwidth 40 MHz, Supply Voltage Range 2.4V to 5V
logo
List of Unclassifed Man...
CD4066BCN ETC2-CD4066BCN Datasheet
115Kb / 9P
Wide supply voltage range 3V to 15V
logo
Rohm
BD28620MUV ROHM-BD28620MUV Datasheet
1Mb / 49P
Wide power supply voltage range
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
Wide supply voltage range, from 2.4 to 5.5 V
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
Wide Supply-Voltage Range 3 V to 30 V
logo
ams AG
AS1313 AMSCO-AS1313 Datasheet
568Kb / 26P
Wide input voltage range (2.4V to 5.5V)
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
Wide supply voltage operating range: 1.8 to 15 V
logo
Maxim Integrated Produc...
MAX6397EVKIT MAXIM-MAX6397EVKIT Datasheet
444Kb / 8P
5.5V to 72V Wide Supply Voltage Range
Rev 2; 4/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com