Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR818DP Datasheet(PDF) 3 Page - Vishay Telefunken

Part # SIR818DP
Description  N-Channel 30 V (D-S) MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIR818DP Datasheet(HTML) 3 Page - Vishay Telefunken

  SIR818DP Datasheet HTML 1Page - Vishay Telefunken SIR818DP Datasheet HTML 2Page - Vishay Telefunken SIR818DP Datasheet HTML 3Page - Vishay Telefunken SIR818DP Datasheet HTML 4Page - Vishay Telefunken SIR818DP Datasheet HTML 5Page - Vishay Telefunken SIR818DP Datasheet HTML 6Page - Vishay Telefunken SIR818DP Datasheet HTML 7Page - Vishay Telefunken SIR818DP Datasheet HTML 8Page - Vishay Telefunken SIR818DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 67846
S12-0216-Rev. B, 30-Jan-12
www.vishay.com
3
Vishay Siliconix
SiR818DP
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
16
32
48
64
80
0.0
0.5
1.0
1.5
2.0
2.5
V
DS -Drain-to-Source Voltage (V)
V
GS = 10 V thru 3 V
V
GS = 2 V
0.0020
0.0022
0.0024
0.0026
0.0028
0.0030
0
10
20
30
40
50
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0
13
26
39
52
65
Q
g - Total Gate Charge (nC)
V
DS = 10 V
I
D = 20 A
V
DS = 15 V
V
DS = 20 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
1.0
2.0
3.0
4.0
5.0
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
1000
2000
3000
4000
5000
0
5
10
15
20
25
30
V
DS -Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
255075
100
125
150
T
J - Junction Temperature (°C)
I
D = 20 A
V
GS = 10 V
V
GS = 4.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com