Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP171 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AXP171
Description  Enhanced Single Cell Li-Battery and Power System Management IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP171 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AXP171 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 30/41
Enhanced single Cell Li-Battery and Power System Management IC
AXP171
0
DC-DC2 VRC 电压上升斜率控制
0: 25mV/15.625us=1.6mV/us
1: 25mV/31.250us=0.8mV/us
RW
0
REG 26H: DC-DC1 输出电压设置
默认值:68H
Bit
描述
R/W
默认值
7
保留
6-0
DC-DC1 输出电压设置
0.7-3.5V,25mV/step
Vo = 0.7 + 0.025 * n
RW
X
REG 27H: LDO4 输出电压设置
默认值:48H
Bit
描述
R/W
默认值
7
保留
6-0
LDO4 输出电压设置
0.7-3.5V, 25mV/step
Vo = 0.7 + 0.025 * n
RW
X
REG 28H: LDO2/3 输出电压设置
默认值:CFH
Bit
描述
R/W
默认值
7-4
LDO2 输出电压设置
1.8-3.3V,100mV/step
Vo = 1.8 + 0.1 * n
RW
X
3-0
LDO3 输出电压设置
1.8-3.3V,100mV/step
Vo = 1.8 + 0.1 * n
RW
X
REG 30H: VBUS-IPSOUT 通路管理
默认值:60H
Bit
描述
R/W
默认值
7
VBUS 可用时 VBUS-IPSOUT 通路选择控制信号
0:打开此通路
1:VBUS-IPSOUT 通路可以被选择打开
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com