Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LG01
Description  Liquid Flow Switch and Bubble Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LG01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LG01 Datasheet HTML 1Page - List of Unclassifed Manufacturers LG01 Datasheet HTML 2Page - List of Unclassifed Manufacturers LG01 Datasheet HTML 3Page - List of Unclassifed Manufacturers LG01 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensirion.com
February 2015 V2
2/4
2 Communication with the Sensor
An electrical voltage output indicates flow above (5 V)
or below (0 V) the flow switch point and/or air or
bubbles inside the sensors flow channel. The product
comes fully calibrated for water – for volume
applications flow calibration for other media is
available on request.
2.1 Electrical Specifications
Table 3: DC Characteristics
Parameter
Min.
Typ.
Max.
Units
Power supply DC, VDD
5
7
12a
V
Operating current,
VDD = 9 V, no load
6.8
mA
Voltage output high
5
V
Voltage output low
0
V
a
Use 9 V max. for best performance
2.2 Electrical Connector and Sensor Pinout
Connector Type:
5 pin Molex PCB Header
53261-0590 Mating connector: Molex 51021-0500.
Table 4: Electrical Pinout
Pin
1
Do not connect
2
Do not connect
3
VDD
4
GND
5
Voltage output
3 Fluidic Connection
Table 5: Fluidic Specifications and Pressure Rating
Parameter
LG01-2000Axxx
Wetted materials:
Internal sensor tube material
Borosilicate Glass 3.3
Fitting material
PEEK
Sealing material
FEP
Fluid connector ports (Fittings)
¼-28 flat-bottom for 1/16” or 1/8” OD plastic tubing
(min. 2mm ID recommended)a
Pressure drop (at maximum flow rate, H2O, 23°C)
1 mbar
Total internal volume
80 µl
a
For fluid connection material use flat bottom ¼-28 standard components e.g. IDEX parts P-200/P-300. Various adapters e.g. to Barb
connectors are available from company Value Plastics as well.
For more information on the fluidic connection please find: “Application Note Sensor Ports and Tubing Connections” in the
Download Center on our webpage (www.sensirion.com/liquidflow-download).
4 Connectivity Kit
The optional LG01 connectivity kit contains material for electrical and fluidic connections
Assembled flat ribbon cable, 30cm (1-100482-01)
2x barb adapter to connect ID 1.6 mm (1/16”) tubing (Value Plastics ABR004-J1A-2)
2x barb adapter to connect ID 3.2 mm (1/8”) tubing (Value Plastics ABR013-J1A-1)
1 2
3 4
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com