Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44646C Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44646C
Description  FAKRA Jack Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Blue Color
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44646C Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44646C Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44646C Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44646C Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
FAKRA Jack Connector Crimp/Solder Attachment
For PE-C100, RG174, RG316, Blue Color
FAKRA Jack Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Blue Color
Configuration
Connector
FAKRA Jack
Connector Interface Type
PE-C100,RG174,RG316
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.3:1
Dielectric Withstanding Voltage, Vrms
800
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
0.038 [0.97]
Width/Dia., in [mm]
0.37 [9]
Height, in [mm]
0.54 [13.72]
.
Weight, lbs [g]
0.008 [3.63]
Color
Blue
Connector
Type
FAKRA Jack
Contact Material and Plating
Phosphor Bronze, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Plastic, Paint
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: FAKRA Jack Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Blue Color
PE44646C
PE44646C
PE44646C REV


Similar Part No. - PE44646C

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44646A PASTERNACK-PE44646A Datasheet
228Kb / 3P
FAKRA Jack Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Black Color
PE44646B PASTERNACK-PE44646B Datasheet
302Kb / 3P
FAKRA Jack Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, White Color
PE44646D PASTERNACK-PE44646D Datasheet
227Kb / 3P
FAKRA Jack Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Bordeaux Color
PE44646H PASTERNACK-PE44646H Datasheet
303Kb / 3P
FAKRA Jack Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Violet Color
PE44646I PASTERNACK-PE44646I Datasheet
302Kb / 3P
FAKRA Jack Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Beige Color
More results

Similar Description - PE44646C

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44647C PASTERNACK-PE44647C Datasheet
298Kb / 3P
FAKRA Plug Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Blue Color
PE44646H PASTERNACK-PE44646H Datasheet
303Kb / 3P
FAKRA Jack Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Violet Color
PE44648C PASTERNACK-PE44648C Datasheet
302Kb / 2P
FAKRA Jack Right Angle Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Blue Color
PE44646D PASTERNACK-PE44646D Datasheet
227Kb / 3P
FAKRA Jack Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Bordeaux Color
PE44646I PASTERNACK-PE44646I Datasheet
302Kb / 3P
FAKRA Jack Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Beige Color
PE44646K PASTERNACK-PE44646K Datasheet
229Kb / 3P
FAKRA Jack Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Curry Color
PE44648B PASTERNACK-PE44648B Datasheet
300Kb / 2P
FAKRA Jack Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, White Color
PE44648Z PASTERNACK-PE44648Z Datasheet
233Kb / 3P
FAKRA Jack Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Water Blue Color
PE44646A PASTERNACK-PE44646A Datasheet
228Kb / 3P
FAKRA Jack Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Black Color
PE44646B PASTERNACK-PE44646B Datasheet
302Kb / 3P
FAKRA Jack Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, White Color
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com