Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT62-03W Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BAT62-03W
Description  Low barrier diode for detectors up to GHz frequencies
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT62-03W Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BAT62-03W Datasheet HTML 6Page - Infineon Technologies AG BAT62-03W Datasheet HTML 7Page - Infineon Technologies AG BAT62-03W Datasheet HTML 8Page - Infineon Technologies AG BAT62-03W Datasheet HTML 9Page - Infineon Technologies AG BAT62-03W Datasheet HTML 10Page - Infineon Technologies AG BAT62-03W Datasheet HTML 11Page - Infineon Technologies AG BAT62-03W Datasheet HTML 12Page - Infineon Technologies AG BAT62-03W Datasheet HTML 13Page - Infineon Technologies AG BAT62-03W Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2014-02-13
10
BAT62...
Package SCD80
Package Outline
Foot Print
Marking Layout (Example)
0.3
1
2
marking
Cathode
0.8 ±0.1
±0.1
0.7
0.13
±0.05
+0.05
-0.03
0.2 M A
A
0.35
BAR63-02W
Type code
Cathode marking
Laser marking
0.7
2
0.2
0.9
0.4
4
Standard
Reel with 2 mm Pitch
Cathode
marking
Cathode
marking
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø180 mm = 8.000 Pieces/Reel (2 mm Pitch)
Reel ø330 mm = 10.000 Pieces/Reel
2005, June
Date code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com