Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17LC44-08/P Datasheet(PDF) 122 Page - Microchip Technology

Part # PIC17LC44-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17LC44-08/P Datasheet(HTML) 122 Page - Microchip Technology

Back Button PIC17LC44-08/P Datasheet HTML 118Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 119Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 120Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 121Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 122Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 123Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 124Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 125Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 240 page
background image
PIC17C4X
DS30412C-page 122
© 1996 Microchip Technology Inc.
DCFSNZ
Decrement f, skip if not 0
Syntax:
[
label] DCFSNZ f,d
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
Operation:
(f) – 1
→ (dest);
skip if not 0
Status Affected:
None
Encoding:
0010
011d
ffff
ffff
Description:
The contents of register 'f' are decre-
mented. If 'd' is 0 the result is placed in
WREG. If 'd' is 1 the result is placed
back in register 'f'.
If the result is not 0, the next instruction,
which is already fetched, is discarded,
and an NOP is executed instead mak-
ing it a two-cycle instruction.
Words:
1
Cycles:
1(2)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Execute
Write to
destination
If skip:
Q1
Q2
Q3
Q4
Forced NOP
NOP
Execute
NOP
Example:
HERE
DCFSNZ
TEMP, 1
ZERO
:
NZERO
:
Before Instruction
TEMP_VALUE
=
?
After Instruction
TEMP_VALUE
=
TEMP_VALUE - 1,
If TEMP_VALUE
=
0;
PC
=
Address (ZERO)
If TEMP_VALUE
≠
0;
PC
=
Address (NZERO)
GOTO
Unconditional Branch
Syntax:
[
label ]
GOTO k
Operands:
0
≤ k ≤ 8191
Operation:
k
→ PC<12:0>;
k<12:8>
→ PCLATH<4:0>,
PC
<15:13> → PCLATH<7:5>
Status Affected:
None
Encoding:
110k
kkkk
kkkk
kkkk
Description:
GOTO
allows an unconditional branch
anywhere within an 8K page boundary.
The thirteen bit immediate value is
loaded into PC bits <12:0>. Then the
upper eight bits of PC are loaded into
PCLATH. GOTO is always a two-cycle
instruction.
Words:
1
Cycles:
2
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read literal
'k'<7:0>
Execute
NOP
Forced NOP
NOP
Execute
NOP
Example:
GOTO THERE
After Instruction
PC =
Address (THERE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com