Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17LC44-08/P Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC17LC44-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17LC44-08/P Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC17LC44-08/P Datasheet HTML 122Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 123Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 124Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 125Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 126Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 127Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 128Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 129Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 240 page
background image
PIC17C4X
DS30412C-page 126
© 1996 Microchip Technology Inc.
MOVFP
Move f to p
Syntax:
[
label]
MOVFP f,p
Operands:
0
≤ f ≤ 255
0
≤ p ≤ 31
Operation:
(f)
→ (p)
Status Affected:
None
Encoding:
011p
pppp
ffff
ffff
Description:
Move data from data memory location 'f'
to data memory location 'p'. Location 'f'
can be anywhere in the 256 word data
space (00h to FFh) while 'p' can be 00h
to 1Fh.
Either ’p' or 'f' can be WREG (a useful
special situation).
MOVFP
is particularly useful for transfer-
ring a data memory location to a periph-
eral register (such as the transmit buffer
or an I/O port). Both 'f' and 'p' can be
indirectly addressed.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Execute
Write
register 'p'
Example:
MOVFP
REG1, REG2
Before Instruction
REG1
=
0x33,
REG2
=
0x11
After Instruction
REG1
=
0x33,
REG2
=
0x33
MOVLB
Move Literal to low nibble in BSR
Syntax:
[
label ]
MOVLB k
Operands:
0
≤ k ≤ 15
Operation:
k
→ (BSR<3:0>)
Status Affected:
None
Encoding:
1011
1000
uuuu
kkkk
Description:
The four bit literal 'k' is loaded in the
Bank Select Register (BSR). Only the
low 4-bits of the Bank Select Register
are affected. The upper half of the BSR
is unchanged. The assembler will
encode the “u” fields as '0'.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal 'u:k'
Execute
Write literal
'k' to
BSR<3:0>
Example:
MOVLB
0x5
Before Instruction
BSR register
=
0x22
After Instruction
BSR register
=
0x25
Note:
For the PIC17C42, only the low four bits of
the BSR register are physically imple-
mented. The upper nibble is read as '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com