Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17LC44-08/P Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC17LC44-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17LC44-08/P Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC17LC44-08/P Datasheet HTML 143Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 144Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 145Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 146Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 147Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 148Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 149Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 150Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 147
PIC17C4X
Applicable Devices 42 R42 42A 43 R43 44
17.0
PIC17C42 ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Ambient temperature under bias..................................................................................................................-55 to +125˚C
Storage temperature ............................................................................................................................... -65˚C to +150˚C
Voltage on VDD with respect to VSS ................................................................................................................ 0 to +7.5V
Voltage on MCLR with respect to VSS (Note 2) ..........................................................................................-0.6V to +14V
Voltage on RA2 and RA3 with respect to VSS..............................................................................................-0.6V to +12V
Voltage on all other pins with respect to VSS ..................................................................................... -0.6V to VDD + 0.6V
Total power dissipation (Note 1).................................................................................................................................1.0W
Maximum current out of VSS pin(s) - Total .............................................................................................................250 mA
Maximum current into VDD pin(s) - Total ................................................................................................................200 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
......................................................................................................................±20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
...............................................................................................................±20 mA
Maximum output current sunk by any I/O pin (except RA2 and RA3)......................................................................35 mA
Maximum output current sunk by RA2 or RA3 pins .................................................................................................60 mA
Maximum output current sourced by any I/O pin .....................................................................................................20 mA
Maximum current sunk by PORTA and PORTB (combined) ..................................................................................150 mA
Maximum current sourced by PORTA and PORTB (combined).............................................................................100 mA
Maximum current sunk by PORTC, PORTD and PORTE (combined)...................................................................150 mA
Maximum current sourced by PORTC, PORTD and PORTE (combined)..............................................................100 mA
Note 1: Power dissipation is calculated as follows: Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOL x IOL)
Note 2: Voltage spikes below VSS at the MCLR pin, inducing currents greater than 80 mA, may cause latch-up.
Thus, a series resistor of 50-100
Ω should be used when applying a "low" level to the MCLR pin rather than
pulling this pin directly to VSS.
† NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
This document was created with FrameMaker404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com