Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17LC44-08/P Datasheet(PDF) 155 Page - Microchip Technology

Part # PIC17LC44-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17LC44-08/P Datasheet(HTML) 155 Page - Microchip Technology

Back Button PIC17LC44-08/P Datasheet HTML 151Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 152Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 153Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 154Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 155Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 156Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 157Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 158Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 155
PIC17C4X
Applicable Devices 42 R42 42A 43 R43 44
17.4
Timing Diagrams and Specifications
FIGURE 17-2: EXTERNAL CLOCK TIMING
TABLE 17-2:
EXTERNAL CLOCK TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Fosc
External CLKIN Frequency
(Note 1)
DC
DC
—
—
16
25
MHz
MHz
EC osc mode - PIC17C42-16
- PIC17C42-25
Oscillator Frequency
(Note 1)
DC
1
1
DC
—
—
—
—
4
16
25
2
MHz
MHz
MHz
MHz
RC osc mode
XT osc mode - PIC17C42-16
- PIC17C42-25
LF osc mode
1
Tosc
External CLKIN Period
(Note 1)
62.5
40
—
—
—
—
ns
ns
EC osc mode - PIC17C42-16
- PIC17C42-25
Oscillator Period
(Note 1)
250
62.5
40
500
—
—
—
—
—
1,000
1,000
—
ns
ns
ns
ns
RC osc mode
XT osc mode - PIC17C42-16
- PIC17C42-25
LF osc mode
2TCY
Instruction Cycle Time (Note 1)
160
4/Fosc
DC
ns
3
TosL,
TosH
Clock in (OSC1) High or Low Time
10 ‡
—
—
ns
EC oscillator
4
TosR,
TosF
Clock in (OSC1) Rise or Fall Time
—
—
5 ‡
ns
EC oscillator
†
Data in “Typ” column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only and are not
tested.
‡
These parameters are for design guidance only and are not tested, nor characterized.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are based on
characterization data for that particular oscillator type under standard operating conditions with the device executing code.
Exceeding these specified limits may result in unstable oscillator operation and/or higher than expected current consump-
tion. All devices are tested to operate at “min.” values with an external clock applied to the OSC1 pin.
When an external clock input is used, the “Max.” cycle time limit is “DC” (no clock) for all devices.
OSC1
OSC2 †
Q4
Q1
Q2
Q3
Q4
Q1
13
3
4
4
2
† In EC and RC modes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com