Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17LC44-08/P Datasheet(PDF) 162 Page - Microchip Technology

Part # PIC17LC44-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17LC44-08/P Datasheet(HTML) 162 Page - Microchip Technology

Back Button PIC17LC44-08/P Datasheet HTML 158Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 159Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 160Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 161Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 162Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 163Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 164Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 165Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 240 page
background image
PIC17C4X
DS30412C-page 162
© 1996 Microchip Technology Inc.
Applicable Devices 42 R42 42A 43 R43 44
FIGURE 17-12: MEMORY INTERFACE READ TIMING
TABLE 17-12: MEMORY INTERFACE READ REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units Conditions
150
TadV2alL
AD<15:0> (address) valid to ALE
↓
(address setup time)
0.25Tcy - 30
—
—
ns
151
TalL2adI
ALE
↓ to address out invalid
(address hold time)
5*
—
—
ns
160
TadZ2oeL
AD<15:0> high impedance to OE
↓
0*
—
—
ns
161
ToeH2adD
OE
↑ to AD<15:0> driven
0.25Tcy - 15
—
—
ns
162
TadV2oeH
Data in valid before OE
↑
(data setup time)
35
—
—
ns
163
ToeH2adI
OE
↑to data in invalid (data hold time)
0
—
—
ns
164
TalH
ALE pulse width
—
0.25TCY §
—
ns
165
ToeL
OE pulse width
0.5Tcy - 35 §
—
—
ns
166
TalH2alH
ALE
↑ to ALE↑ (cycle time)
—
TCY §
—
ns
167
Tacc
Address access time
—
—
0.75 TCY-40
ns
168
Toe
Output enable access time
(OE low to Data Valid)
—
—
0.5 TCY - 60
ns
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
§
This specification guaranteed by design.
OSC1
ALE
OE
AD<15:0>
WR
Q1
Q2
Q3
Data in
Addr out
150
151
160
166
165
163
161
'1'
'1'
Q4
Q1
Q2
Addr out
164
168
167
162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com