Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17LC44-08/P Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC17LC44-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17LC44-08/P Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC17LC44-08/P Datasheet HTML 161Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 162Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 163Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 164Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 165Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 166Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 167Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 168Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 165
PIC17C4X
Applicable Devices 42 R42 42A 43 R43 44
FIGURE 18-4: TYPICAL RC OSCILLATOR FREQUENCY vs. VDD
TABLE 18-2:
RC OSCILLATOR FREQUENCIES
Cext
Rext
Average
Fosc @ 5V, 25
°C
22 pF
10k
3.33 MHz
± 12%
100k
353 kHz
± 13%
100 pF
3.3k
3.54 MHz
± 10%
5.1k
2.43 MHz
± 14%
10k
1.30 MHz
± 17%
100k
129 kHz
± 10%
300 pF
3.3k
1.54 MHz
± 14%
5.1k
980 kHz
± 12%
10k
564 kHz
± 16%
160k
35 kHz
± 18%
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
4.0
4.5
5.0
5.5
6.0
6.5
VDD (Volts)
R = 10k
Cext = 300 pF, T = 25
°C
R = 160k
R = 3.3k
R = 5.1k
0.2
0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com