Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC17LC44-08/P Datasheet(PDF) 202 Page - Microchip Technology

Part # PIC17LC44-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17LC44-08/P Datasheet(HTML) 202 Page - Microchip Technology

Back Button PIC17LC44-08/P Datasheet HTML 198Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 199Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 200Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 201Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 202Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 203Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 204Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 205Page - Microchip Technology PIC17LC44-08/P Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 240 page
background image
PIC17C4X
DS30412C-page 202
© 1996 Microchip Technology Inc.
Applicable Devices 42 R42 42A 43 R43 44
FIGURE 20-17: IOL vs. VOL, VDD = 5V
FIGURE 20-18: VTH (INPUT THRESHOLD VOLTAGE) OF I/O PINS (TTL) VS. VDD
90
80
70
60
50
40
30
20
0.0
0.5
1.0
1.5
2.0
2.5
VDD (Volts)
Min @ +85
°C
10
0
3.0
Max @ -40
°C
Typ @ 25
°C
2.5
VDD (Volts)
0.6
Max (-40
°C to +85°C)
Typ @ 25
°C
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Min (-40
°C to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com